Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPV314Y Arkusz danych(PDF) 2 Page - OPTEK Technologies

Numer części OPV314Y
Szczegółowy opis  Vertical Cavity Surface Emitting Laser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTEK [OPTEK Technologies]
Strona internetowa  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV314Y Arkusz danych(HTML) 2 Page - OPTEK Technologies

  OPV314Y Datasheet HTML 1Page - OPTEK Technologies OPV314Y Datasheet HTML 2Page - OPTEK Technologies OPV314Y Datasheet HTML 3Page - OPTEK Technologies OPV314Y Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09 / 09
Page 2 of 4
Vertical Cavity Surface Emitting Laser
OPV300, OPV310, OPV310Y,
OPV314, OPV314Y
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
POT
Total Power Out
OPV300 / OPB310
OPV314
1.50
1.40
mW
IF = 7 mA
ITH
Threshold Current
0.80
3.00
mA
Note 1
VF
Forward Voltage
1.60
2.20
V
IF = 7 mA
IR
Reverse Current
100
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 2
ŋ
Slope Efficiency
0.28
0.60
mW/mA Note 3
Linearity
0.00
Note 4
λ
Wavelength
840
850
860
nm
∆λ
Optical Bandwidth
0.85
nm
θ
Beam Divergence (OPV300 / OPV310 only)
24
Degree IF = 7 mA , FWHM
tr/tf
Rise and Fall Time
100
ps
20% to 80%
NRI
Relative Intensity Noise
-123
dB/Hz
∆ITH
Temp Variance of Threshold Current
±1.0
mA
0° - 70° C, Note 1
∆λ/∆T
Temp Coefficient of Wavelength
0.06
%/°C
0° - 70° C, IF = 7 mA
∆VF∆T
Temperature Coefficient for VF
-2.5
mV/°C
0° - 70° C, IF = 7 mA
∆ŋ/∆T
Temperature Coefficient for Efficiency
-0.5
%/°C
0° - 70° C, Note 3
IRPD
Reverse Current, photodiode
30
nA
VR = 5 V
IM1
Monitor Current
OPV310
OPV314
30
40
µA
IF = 7 mA, VR = 5 V
IM2
Monitor Current
OPV310
OPV314
40
45
µA
PO = 2 mW, VR = 5 V
Photodiode Electrical Characteristics (OPV310/OPV314 series)
Electrical/Optical Characteristics (TA = 25°C unless otherwise noted)
NOTES:
(1) Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA.
Line 2 from 0 mA to 0.5 mA.
(2) Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(3) Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA using no larger than .25 mA test interval points.
(4) Using data points taken for slope efficiency above, delta L/delta I shall be calculated for each adjacent pair of points.
(5) ESD Class 1


Podobny numer części - OPV314Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OPV314Y OPTEK-OPV314Y Datasheet
341Kb / 4P
   Technical Data
OPV314Y OPTEK-OPV314Y Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV314Y TTELEC-OPV314Y Datasheet
849Kb / 7P
   Vertical Cavity Surface Emitting Laser
OPV314YAT TTELEC-OPV314YAT Datasheet
786Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
OPV314YBT TTELEC-OPV314YBT Datasheet
786Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
More results

Podobny opis - OPV314Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OPV314AT OPTEK-OPV314AT Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV300 TTELEC-OPV300 Datasheet
849Kb / 7P
   Vertical Cavity Surface Emitting Laser
logo
OPTEK Technologies
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
Wurth Elektronik GmbH &...
159353940B1300 WURTH-159353940B1300 Datasheet
1Mb / 9P
   WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353850B1300 WURTH-159353850B1300 Datasheet
1Mb / 10P
   WL-VCSL Vertical Cavity surface emitting Laser
001.001
159353940A6300 WURTH-159353940A6300 Datasheet
1Mb / 9P
   WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353850A6300 WURTH-159353850A6300 Datasheet
1Mb / 10P
   WL-VCSL Vertical Cavity surface emitting Laser
001.001
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com