Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP231 Arkusz danych(PDF) 5 Page - OPTEK Technologies

Numer części OP231
Szczegółowy opis  Hermetic Infrared Emitting Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTEK [OPTEK Technologies]
Strona internetowa  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP231 Arkusz danych(HTML) 5 Page - OPTEK Technologies

  OP231 Datasheet HTML 1Page - OPTEK Technologies OP231 Datasheet HTML 2Page - OPTEK Technologies OP231 Datasheet HTML 3Page - OPTEK Technologies OP231 Datasheet HTML 4Page - OPTEK Technologies OP231 Datasheet HTML 5Page - OPTEK Technologies OP231 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .2
01/09
Page 5 of 6
Hermetic Infrared Emitting Diode
OP230 Series
Distance vs Output Power vs Forward Current
0.01
0.10
1.00
10.00
0.2 ''
0.7 ''
1.2 ''
1.7 ''
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
80 mA
100 mA
120 mA
Normalized at 1.0" and 50 mA
Forward Current
Relative Radiant Intensity vs Angular
Displacement
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-80
-30
20
70
Angular Displacement (Degrees)
Forward Voltage vs Forward Current vs
Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Optical Power vs Forward Current vs
Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
30
40
506070
8090
100
Forward Current IF (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Normalized at 50 mA and 20°C
OP234, OP234W


Podobny numer części - OP231

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OP231 OPTEK-OP231 Datasheet
241Kb / 2P
   GaAs HERMETIC INFRARED EMITTING DIODES
OP231 OPTEK-OP231 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP231 TTELEC-OP231 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP231W OPTEK-OP231W Datasheet
324Kb / 2P
   GaAs HERMETIC INFRARED EMITTING DIODES
OP231W OPTEK-OP231W Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
More results

Podobny opis - OP231

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com