Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-2211 Arkusz danych(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-2211
Szczegółowy opis  Very High CMR, Wide VCC Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2211 Arkusz danych(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2211 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2211 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2211 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2211 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2211 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2211 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2211 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2211 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2211 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current
I
F(AVG)
10
mA
1
Peak Transient Input Current
(≤ 1 µs Pulse Width, 300 pps)
I
F(TRAN)
1.0
A
1
(≤ 200 µs Pulse Width,
HCNW22XX
40
mA
< 1% Duty Cycle)
Reverse Input Voltage
V
R
5
V
1
HCNW22XX
3
Average Output Current
I
O
25
mA
1
Supply Voltage
V
CC
0
20
V
Output Voltage
V
O
-0.5
20
V
1
Total Package Power Dissipation
P
T
210
mW
2
HCPL-223X
294
Output Power Dissipation
P
O
See Figure 7
1
Lead Solder Temperature (Through Hole Parts Only)
260°C for 10 sec.,
1.6 mm below seating plane
HCNW22XX
260°C for 10 sec., up to seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
(Surface Mount Parts Only)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
V
CC
4.5
20
V
Forward Input Current (ON)
I
F(ON)
1.6*
5
mA
HCPL-223X
1.8†
Forward Input Voltage (OFF)
V
F(OFF)
-
0.8
V
Operating Temperature
T
A
-40
85
°C
Junction Temperature
T
J
-40
125
°C
Fan Out
N
4
TTL Loads
*The initial switching threshold is 1.6 mA or less. It is recommended that 2.2 mA be used to permit at least a 20% LED degradation guardband.
†The initial switching threshold is 1.8 mA or less. It is recommended that 2.5 mA be used to permit at least a 20% LED degradation guardband.


Podobny numer części - HCPL-2211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-2211 HP-HCPL-2211 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-2211 HP-HCPL-2211 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211 HP-HCPL-2211 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211 AVAGO-HCPL-2211 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2211 AVAGO-HCPL-2211 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
More results

Podobny opis - HCPL-2211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com