Zakładka z wyszukiwarką danych komponentów |
|
HLMP-EG08-WZ000 Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-EG08-WZ000 Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 15 page Description ThesePrecisionOpticalPerformanceAlInGaPLEDsprovide superior light output for excellent readability in sunlight and are extremely reliable. AlInGaP LED technology pro- vides extremely stable light output over long periods of time.PrecisionOpticalPerformancelampsutilizethealumi- num indium gallium phosphide (AlInGaP) technology. These LED lamps are untinted, nondiffused, T-13/4 pack- ages incorporating second generation optics producing well defined spatial radiation patterns at specific viewing cone angles. These lamps are made with an advanced optical grade epoxy, offering superior high temperature and high mois- ture resistance performance in outdoor signal and sign applications. The high maximum LED junction tempera- ture limit of +130°C enables high temperature operation inbrightsunlightconditions.Thepackageepoxycontains both uv-a and uv-b inhibitors to reduce the effects of long term exposure to direct sunlight. These lamps are available in two package options to give the designer flexibility with device mounting. Benefits • Viewinganglesmatchtrafficmanagementsignrequire- ments • Colors meet automotive and pedestrian signal speci- fications • Superior performance in outdoor environments • Suitable for autoinsertion onto PC boards Features • Well defined spatial radiation patterns • Viewing angles: 8°, 15°, 23°, 30° • High luminous output • Colors: 590 nm amber 605 nm orange 615 nm reddish-orange 626 nm red • High operating temperature: TJled=+130°C • Superior resistance to moisture • Package options: With or without lead stand-offs Applications • Traffic management: Traffic signals Pedestrian signals Work zone warning lights Variable message signs • Commercial outdoor advertising: Signs Marquees • Automotive: Exterior and interior lights HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps Data Sheet |
Podobny numer części - HLMP-EG08-WZ000 |
|
Podobny opis - HLMP-EG08-WZ000 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |