Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G1086 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części G1086
Szczegółowy opis  For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

G1086 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  G1086 Datasheet HTML 1Page - List of Unclassifed Manufacturers G1086 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“ S ta y C o n n e c te d w ith H e y c o ” Bushings, Grommets, Bumpers & Feet
Used to protect through holes.
Help eliminate sharp edges so your
wires are protected and add aesthetic
value to your application.
38 sizes available that accommodate
mounting holes ranging from .312˝
(7,9 mm) to holes as large as 2.50˝
(63,5 mm) in diameter and panel
thicknesses of .250˝ (6,4 mm) and
.375˝ (9,5 mm).
Rubber grommets are constructed of
SBR (unless otherwise noted) with an
operating temperature range of
-40°F (-40°C) to 221°F (105°C).
SBR grommets have good water
resistant characteristics and are
suitable for most moderate chemicals
and wet or dry organic acids.
Provides vibration dampening.
Heyco® Thick Panel
Rubber Grommets
For Panels .250˝ (6,4 mm) to .375˝ (9,5 mm) Thick
MOUNTING
PART NO.
DESCRIPTION
PART DIMENSIONS
HOLE
AB
C
DIAMETER
Black
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
For .250˝ (6,4 mm) Thick Panels
.312
7,9
G1023
RG 312-6-8
.188
4,8
.437
11,1
.375
9,5
.437
11,1
G1058*
RG 437-8-8
.250
6,4
.625
15,9
.500
12,7
G1086*
RG 500-10-8
.313
8,0
.625
15,9
.625
15,9
G1095
RG 500-12-8
.375
9,5
.750
19,1
.500
12,7
.562
14,3
G1117*
RG 562-10-8
.313
8,0
.812
20,6
.625
15,9
G1134
RG 625-12-8
.375
9,5
.875
22,2
.500
12,7
.687
17,5
G1154
RG 687-14-8
.438
11,1
.937
23,8
.812
20,6
G1195
RG 812-16-8
.500
12,7
1.062
27,0
.500
12,7
G1200
RG 812-18-8
.562
14,3
.875
22,2
G1220
RG 875-20-8
.625
15,9
1.125
28,6
.500
12,7
1.000
25,4
G1257
RG 1000-22-8
.687
17,5
1.312
33,3
.562
14,3
G1264
RG 1000-28-8
.875
22,2
1.250
31,8
.625
15,9
1.062
27,0
G1273
RG 1062-24-8
.750
19,1
1.375
34,9
.562
14,3
1.250
31,8
G1301
RG 1250-24-8
.750
19,1
1.625
41,3
.438
11,1
G1307
RG 1250-28-8
.875
22,2
1.625
41,3
.625
15,9
1.375
34,9
G1324
RG 1375-32-8
1.000
25,4
1.750
44,5
.625
15,9
1.500
38,1
G1353
RG 1500-40-8
1.250
31,8
1.750
44,5
.500
12,7
G1354
RG 1500-40-8A
1.250
31,8
2.000
50,8
.516
13,1
1.750
44,5
G1373
RG 1750-48-8
1.500
38,1
2.000
50,8
.500
12,7
G1374
RG 1750-48-8A
1.500
38,1
2.125
54,0
.625
15,9
2.000
50,8
G1393
RG 2000-56-8
1.750
44,5
2.500
63,5
.531
13,5
G1394*
RG 2000-56-8A
1.750
44,5
2.500
63,5
.560
14,2
2.500
63,5
G1421
RG 2.5-64-8
2.000
50,8
3.000
76,2
.562
14,3
G1425
RG 2.5-72-8
2.250
57,2
3.000
76,2
.625
15,9
For .375˝ (9,5 mm) Thick Panels
.375
9,5
G1043
RG 375-10-12
.313
8,0
.562
14,3
.500
12,7
.500
12,7
G1096
RG 500-12-12
.375
9,5
.625
15,9
.625
15,9
.562
14,3
G1121
RG 562-12-12
.375
9,5
.750
19,1
.750
19,1
.625
15,9
G1136
RG 625-13-12
.406
10,3
.812
20,6
.750
19,1
G1182
RG 750-16-12
.500
12,7
1.000
25,4
.625
15,9
.875
22,2
G1214
RG 875-18-12
.562
14,3
1.062
27,0
1.000
25,4
G1249
RG 1000-18-12
.562
14,3
1.250
31,8
1.125
28,6
G1278
RG 1125-24-12
.750
19,1
1.625
41,3
1.125
28,6
1.250
31,8
G1308**
RG 1250-28-12
.875
22,2
1.750
44,5
.750
19,1
G1314
RG 1250-32-12
1.000
25,4
1.500
38,1
.625
15,9
1.375
34,9
G1326
RG 1375-32-12
1.000
25,4
1.750
44,5
.750
19,1
1.750
44,5
G1375
RG 1750-48-12
1.500
38,1
2.125
54,0
2.000
50,8
G1395
RG 2000-56-12
1.750
44,5
2.500
63,5
.625
15,9
2.500
63,5
G1427
RG 2.5-72-12
2.250
57,2
3.000
76,2
.750
19,1
Standard color black. *Nitrile **Neoprene
5-20
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Material
SBR (Styrene Butadiene)
Temperature Rating
-40°F (-40°C) to 221oF (105°C)
Quick
Specs
C
B
A


Podobny numer części - G1086

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
G1086 HEYCO-G1086 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
More results

Podobny opis - G1086

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
2700157 PHOENIX-2700157 Datasheet
47Kb / 2P
   Tube, 250 mm long, 횠 25 mm
logo
Schneider Electric
XUSZMD016 SCHNEIDER-XUSZMD016 Datasheet
69Kb / 2P
   Mirrors for safety light curtains with fastening systems 250 mm - Hp = 160 mm
logo
WAGO Kontakttechnik Gmb...
209-191 WAGO-209-191 Datasheet
220Kb / 5P
   Separator for Ex e/Ex i applications; 3 mm thick; 120 mm wide; orange
24.11.2021
209-192 WAGO-209-192 Datasheet
184Kb / 4P
   Separator for Ex e/Ex i applications; 3 mm thick; 125.5 mm wide; orange
24.11.2021
209-190 WAGO-209-190 Datasheet
232Kb / 5P
   Separator for Ex e/Ex i applications; 3 mm thick; 90 mm wide; orange
24.11.2021
logo
Rohm
KA2008-AF10A ROHM-KA2008-AF10A Datasheet
55Kb / 5P
   Thick film thermal printhead (8dots / mm)
logo
WAGO Kontakttechnik Gmb...
2002-1593 WAGO-2002-1593 Datasheet
73Kb / 2P
   Separator plate; 1 mm thick; gray
25.11.2021
2000-2291 WAGO-2000-2291 Datasheet
53Kb / 3P
   End plate; 0.7 mm thick; gray
24.11.2021
logo
Rohm
KF2008-GH40A ROHM-KF2008-GH40A Datasheet
78Kb / 5P
   Thick film thermal printhead (8dots / mm)
logo
WAGO Kontakttechnik Gmb...
2002-1591 WAGO-2002-1591 Datasheet
69Kb / 2P
   End plate; 1 mm thick; gray
25.11.2021
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com