Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT-2593-MF-SMA-02 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części ADT-2593-MF-SMA-02
Szczegółowy opis  SMA Male Plug to SMA Female Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ADT-2593-MF-SMA-02 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  ADT-2593-MF-SMA-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
153
In-SeriesAdapters
SPECIFICATIONS
ADT-2595-FF-SMA-02
Model Number
Model Number
ADT-2593-MF-SMA-02
Model Number
ADT-2594-MM-SMA-02
Model Number
ADT-2823-FF-SMA-02
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SMA Types
Frequency: DC - 18.0 GHz
VSWR: 1.05 + .005 f (GHz)
Impedance: 50 Ohms
Finish: Passivated Stainless Steel
Frequency: DC - 18.0 GHz
VSWR: 1.05 + .005 f (GHz)
Impedance: 50 Ohms
Finish: Passivated Stainless Steel
Frequency: DC - 18.0 GHz
VSWR: 1.05 + .005 f (GHz)
Impedance: 50 Ohms
Finish: Passivated Stainless Steel
Frequency: DC - 18.0 GHz
VSWR: 1.05 + .005 f (GHz)
Impedance: 50 Ohms
Finish: Passivated Stainless Steel
Formerly SMA-024-8000 and SMA-8000-24-000-02
Note: Also available in 0.875 (22.2) O.A.L. as ADT-8000-21-SMA-02
Note: Also available in 0.720 (18.2) O.A.L. as ADT-8000-22-SMA-02
SMA Female Jack to SMA Female Jack - Bulkhead Mount
SMA Male Plug to SMA Male Plug
SMA Female Jack to SMA Female Jack
SMA Male Plug to SMA Female Jack
Note: Also available with knurled center section (0.875 O.A.L.) as ADT-2841-FF-SMA-02
and in 0.500 (12.7) O.A.L. with fully threaded barrel as ADT-8000-20-SMA-02 as shown in photograph.


Podobny numer części - ADT-2593-MF-SMA-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
More results

Podobny opis - ADT-2593-MF-SMA-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADT-2594-MM-SMA-02 ETC2-ADT-2594-MM-SMA-02 Datasheet
45Kb / 1P
   SMA Male Plug to SMA Female Jack
logo
Linx Technologies
ADP-SMAF-BNCM LINX-ADP-SMAF-BNCM Datasheet
380Kb / 2P
   ADAPTER, SMA JACK (FEMALE SOCKET) TO BNC PLUG (MALE PIN)
ADP-SMAF-MMXM LINX-ADP-SMAF-MMXM Datasheet
347Kb / 2P
   ADAPTER, SMA JACK (FEMALE SOCKET) TO MMCX PLUG (MALE PIN)
ADP-SMAM-MCXF LINX-ADP-SMAM-MCXF Datasheet
346Kb / 2P
   ADAPTER, SMA PLUG (MALE PIN) TO MCX JACK (FEMALE SOCKET)
ADP-SMAM-MMXF LINX-ADP-SMAM-MMXF Datasheet
357Kb / 2P
   ADAPTER, SMA PLUG (MALE PIN) TO MMCX JACK (FEMALE SOCKET)
ADP-SMAF-NM LINX-ADP-SMAF-NM Datasheet
438Kb / 2P
   ADAPTER, SMA JACK (FEMALE SOCKET) TO N PLUG (MALE PIN)
logo
Pasternack Enterprises,...
PE3832 PASTERNACK-PE3832_16 Datasheet
350Kb / 4P
   SMA Male to SMA Female Cable
logo
Linx Technologies
ADP-SMAF-MCXM LINX-ADP-SMAF-MCXM Datasheet
348Kb / 2P
   ADAPTER, SMA JACK (FEMALE SOCKET) TO MCX PLUG (MALE PIN)
logo
Pasternack Enterprises,...
PE9103 PASTERNACK-PE9103 Datasheet
253Kb / 3P
   SMA Male to SMA Female Adapter
logo
Mini-Circuits
SFR-SM50 MINI-SFR-SM50 Datasheet
186Kb / 2P
   Adapter SMA-Female to SMA-Male
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com