Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1310-0000-000F00K450H Arkusz danych(PDF) 1 Page - Cree, Inc

Numer części CXA1310-0000-000F00K450H
Szczegółowy opis  XLamp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1310-0000-000F00K450H Arkusz danych(HTML) 1 Page - Cree, Inc

  CXA1310-0000-000F00K450H Datasheet HTML 1Page - Cree, Inc CXA1310-0000-000F00K450H Datasheet HTML 2Page - Cree, Inc CXA1310-0000-000F00K450H Datasheet HTML 3Page - Cree, Inc CXA1310-0000-000F00K450H Datasheet HTML 4Page - Cree, Inc CXA1310-0000-000F00K450H Datasheet HTML 5Page - Cree, Inc CXA1310-0000-000F00K450H Datasheet HTML 6Page - Cree, Inc CXA1310-0000-000F00K450H Datasheet HTML 7Page - Cree, Inc CXA1310-0000-000F00K450H Datasheet HTML 8Page - Cree, Inc CXA1310-0000-000F00K450H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Product family data sheet
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.407.5300
cree
® Xlamp® cXa1310 led
Product descriPtion
The XLamp CXA1310 is Cree’s
newest High Density (HD) LeD
array,
featuring a 6-mm optical
source
and
enabling
lighting
manufacturers to create a new
generation of products that delivers
the same intensity and light quality
as 20-W ceramic metal halide
(CmH) at up to 50 percent lower
power. The new HD class of CXA
arrays provide unrivaled lumen
density that can reduce system
cost for the next generation of LeD
spotlights.
The
CXA
LeD
Design
Guide
provides basic information on the
requirements to use the CXA1310
LeD
successfully
in
luminaire
designs.1
1
Cree XLamp CXA LeD Design Guide,
Design Guide DG02, www.cree.com/
xlamp_app_notes/cxa_design_guide
features
• Available in 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K,
5000 K, 5700 K and 6500 K
CCT
• Available in ANSI white bins at
4000 K, 5000 K, 5700 K and
6500 K CCT
• Available in 70-, 80- and
93-minimum CRI options
• Forward voltage options: 18 v
& 36 v
• 85 °C binning and
characterization
• maximum drive current:
1050 mA (18 v), 525mA (36 v)
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMASSL-32011standardflux
bins
table of contents
Characteristics .............................. 2
operating Limits............................ 3
Flux Characteristics, easyWhite
order Codes and Bins - 18 v ........... 4
Flux Characteristics, ANSI White
order Codes and Bins - 18 v ........... 5
Flux Characteristics, easyWhite
order Codes and Bins - 36 v ........... 6
Flux Characteristics, ANSI White
order Codes and Bins - 36 v ........... 7
Relative Spectral power Distribution . 8
electrical Characteristics................. 9
Relative Luminous Flux..................10
Typical Spatial Distribution.............12
performance Groups - Brightness....12
performance Groups - Chromaticity.13
Cree easyWhite Bins plotted on the
1931 CIe Color Space ...................15
Cree ANSI White Bins plotted on
the 1931 CIe Color Space ..............15
Bin and order Code Formats ..........16
mechanical Dimensions..................16
Thermal Design............................17
Notes..........................................18
packaging....................................19


Podobny numer części - CXA1310-0000-000F00K450H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
More results

Podobny opis - CXA1310-0000-000F00K450H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com