Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1310-0000-000F0HK250H Arkusz danych(PDF) 10 Page - Cree, Inc

Numer części CXA1310-0000-000F0HK250H
Szczegółowy opis  XLamp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1310-0000-000F0HK250H Arkusz danych(HTML) 10 Page - Cree, Inc

Back Button CXA1310-0000-000F0HK250H Datasheet HTML 6Page - Cree, Inc CXA1310-0000-000F0HK250H Datasheet HTML 7Page - Cree, Inc CXA1310-0000-000F0HK250H Datasheet HTML 8Page - Cree, Inc CXA1310-0000-000F0HK250H Datasheet HTML 9Page - Cree, Inc CXA1310-0000-000F0HK250H Datasheet HTML 10Page - Cree, Inc CXA1310-0000-000F0HK250H Datasheet HTML 11Page - Cree, Inc CXA1310-0000-000F0HK250H Datasheet HTML 12Page - Cree, Inc CXA1310-0000-000F0HK250H Datasheet HTML 13Page - Cree, Inc CXA1310-0000-000F0HK250H Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
10
XLamp CXa1310 LED
relatiVe luminous fluX
Therelativeluminousfluxvaluesprovidedbelowaretheratioof:
• measurements of CXA1310 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 700 mA at T
J = 85 °C for the 18-v CXA1310 LeD.
For example, at steady-state operation of Tc = 55 °C, I
F=500mA,therelativeluminousfluxratiois80%inthechart
below. A CXA1310 LeD that measures 1200 lm during binning will deliver 960 lm (1200 * 0.8) at steady-state operation
of Tc = 55 °C, I
F = 500 mA.
0%
40%
80%
120%
160%
400
500
600
700
800
900
1000
1100
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
18 V


Podobny numer części - CXA1310-0000-000F0HK250H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
More results

Podobny opis - CXA1310-0000-000F0HK250H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com