Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2590-0000-000R0HAD40F Arkusz danych(PDF) 4 Page - Cree, Inc

Numer części CXA2590-0000-000R0HAD40F
Szczegółowy opis  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2590-0000-000R0HAD40F Arkusz danych(HTML) 4 Page - Cree, Inc

  CXA2590-0000-000R0HAD40F Datasheet HTML 1Page - Cree, Inc CXA2590-0000-000R0HAD40F Datasheet HTML 2Page - Cree, Inc CXA2590-0000-000R0HAD40F Datasheet HTML 3Page - Cree, Inc CXA2590-0000-000R0HAD40F Datasheet HTML 4Page - Cree, Inc CXA2590-0000-000R0HAD40F Datasheet HTML 5Page - Cree, Inc CXA2590-0000-000R0HAD40F Datasheet HTML 6Page - Cree, Inc CXA2590-0000-000R0HAD40F Datasheet HTML 7Page - Cree, Inc CXA2590-0000-000R0HAD40F Datasheet HTML 8Page - Cree, Inc CXA2590-0000-000R0HAD40F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
4
XLamp CXa2590 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 1200 ma
2-step order code
4-step order code
min typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
2700 K
80
---
Y4
6910
7499
27H
CXA2590-0000-000R00Y427H
27F
CXA2590-0000-000R00Y427F
Z2
7390
8020
CXA2590-0000-000R00Z227H
CXA2590-0000-000R00Z227F
Z4
7945
8622
CXA2590-0000-000R00Z427H
CXA2590-0000-000R00Z427F
93
95
X2
5590
6067
27H
CXA2590-0000-000R0YX227H
27F
CXA2590-0000-000R0YX227F
X4
6010
6522
CXA2590-0000-000R0YX427H
CXA2590-0000-000R0YX427F
fluX characteristics, easyWhite order codes and bins (i
f = 1200 ma, tJ = 85 °c) -
continued


Podobny numer części - CXA2590-0000-000R0HAD40F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2596 SONY-CXA2596 Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
More results

Podobny opis - CXA2590-0000-000R0HAD40F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com