Zakładka z wyszukiwarką danych komponentów |
|
LFA100F-24 Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers |
|
LFA100F-24 Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 18 page LFA-12 LFA100F AC-DC Power Supplies Open Frame/ Enclosed type LF A 100 F - □ - □ Ordering information 1 2 3 4 5 6 1Series name 2Single output 3Output wattage 4Universal input 5Output voltage 6Optional *1 C : with Coating G : Low leakage current H : with the function to be acceptable to output peak current (only 24V) J1: VH(J.S.T.)connector type R : with Remote ON/OFF R2: with Remote ON/OFF S : with Chassis SN: with Chassis & cover Y: with Potentiometer This power supply is manufactured by SMD technology. The stress to P.C.B like twisting or bending causes the defect of the unit, so handle the unit with care. MODEL LFA100F-3R3-Y LFA100F-5-Y LFA100F-12 LFA100F-15 LFA100F-24 LFA100F-24-H LFA100F-36 LFA100F-48 MAX OUTPUT WATTAGE[W] *5 66 100 102 100.5 103.2 103.2 (129.6) 100.8 100.8 DC OUTPUT *5 3.3V 20A 5V 20A 12V 8.5A 15V 6.7A 24V 4.3A 24V 4.3 (5.4)A 36V 2.8A 48V 2.1A SPECIFICATIONS MODEL LFA100F-3R3-Y LFA100F-5-Y LFA100F-12 LFA100F-15 LFA100F-24 LFA100F-24-H LFA100F-36 LFA100F-48 INPUT VOLTAGE[V] AC85 - 264 1 f (Refer to Instruction Manual 1.1 and 3.2) *4 CURRENT[A] ACIN 100V 0.9typ (Io=100%) 1.3typ (Io=100%) ACIN 200V 0.5typ (Io=100%) 0.7typ (Io=100%) FREQUENCY[Hz] 50 / 60 (47 - 63) EFFICIENCY[%] ACIN 100V 77.0typ 82.0typ 82.0typ 83.0typ 84.0typ 84.0typ 84.0typ 84.5typ ACIN 200V 79.0typ 84.0typ 84.5typ 85.5typ 87.0typ 87.0typ 87.0typ 87.0typ POWER FACTOR (Io=100%) ACIN 100V 0.98typ 0.99typ ACIN 200V 0.92typ 0.95typ INRUSH CURRENT[A] ACIN 100V 15typ (Io=100%) (At cold start) (Ta=25C) ACIN 200V 30typ (Io=100%) (At cold start) (Ta=25C) LEAKAGE CURRENT[mA] 0.40 / 0.75max (ACIN 100V / 240V 60Hz, Io=100%, According to IEC60950-1 and DEN-AN) OUTPUT VOLTAGE[V] 3.3 5 12 15 24 24 36 48 CURRENT[A] *5 20 20 8.5 6.7 4.3 4.3 (Peak 5.4) 2.8 2.1 LINE REGULATION[mV] *7 20max 20max 48max 60max 96max 96max 144max 192max LOAD REGULATION[mV] *7 40max 40max 100max 120max 150max 150max 240max 240max RIPPLE[mVp-p] 0 to +50C*2 80max 80max 120max 120max 120max 240max 150max 150max -10 - 0C *2 140max 140max 160max 160max 160max 320max 200max 200max RIPPLE NOISE[mVp-p] 0 to +50C*2 120max 120max 150max 150max 150max 300max 250max 250max -10 - 0C *2 160max 160max 180max 180max 180max 360max 300max 300max TEMPERATURE REGULATION[mV] 0 to +50C 50max 50max 120max 150max 240max 240max 360max 480max -10 to +50C 60max 60max 150max 180max 290max 290max 450max 600max DRIFT[mV] *3 20max 20max 48max 60max 96max 96max 144max 192max START-UP TIME[ms] 350typ (ACIN 100V, Io=100%) HOLD-UP TIME[ms] 20typ (ACIN 100V, Io=100%) OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.85 to 3.63 4.50 to 5.50 Fixed ( Y option is available for adjusting output voltage) OUTPUT VOLTAGE SETTING[V] 3.30 to 3.40 5.00 to 5.15 11.50 to 12.50 14.40 to 15.60 23.00 to 25.00 23.00 to 25.00 34.50 to 37.50 46.00 to 50.00 PROTECTION CIRCUIT AND OTHERS OVERCURRENT PROTECTION Works over 105% of rating (works over 101% of peak current at option -H) and recovers automatically OVERVOLTAGE PROTECTION 4.00 to 5.25 5.75 to 7.00 13.80 to 16.80 17.25 to 21.00 27.60 to 33.60 27.60 to 33.60 41.40 to 50.40 55.20 to 67.20 OPERATING INDICATION Not provided REMOTE SENSING Not provided REMOTE ON/OFF Option (Refer to Instruction Manual) ISOLATION INPUT-OUTPUT.RC *6 AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) INPUT-FG AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) OUTPUT.RC-FG *6 AC500V 1minute, Cutoff current = 25mA, DC500V 50M W min (At Room Temperature) OUTPUT-RC *6 AC100V 1minute, Cutoff current = 25mA, DC100V 10M W min (At Room Temperature) ENVIRONMENT OPERATING TEMP.,HUMID.AND ALTITUDE *4 -10 to +70C, 20 - 90%RH (Non condensing) (Refer to Instruction Manual 3.2), 3,000m (10,000feet) max STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75 C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max VIBRATION 10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis IMPACT 196.1m/s2 (20G), 11ms, once each X, Y and Z axis SAFETY AND NOISE REGULATIONS AGENCY APPROVALS UL60950-1, C-UL (CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN CONDUCTED NOISE Complies with FCC-B, VCCI-B, CISPR-B, EN55011-B, EN55022-B HARMONIC ATTENUATOR Complies with IEC61000-3-2 (Class A) *8 OTHERS CASE SIZE/WEIGHT 62 X33.5X155mm [2.44X1.32X6.10 inches] (WXHXD) / 280g max (without chassis and cover) COOLING METHOD Convection (Refer to Instruction Manual 3.1 and 3.2) *4 Recommended EMI/EMC Filter NAC-04-472 High voltage pulse noise type : NAP series Low leakage current type : NAM series *The EMI/EMC Filter is recommended to connect with several devices. *1 Specification is changed at option, refer to Instruction Manual. *2 This is the value that measured on measuring board with capacitor of 22 mF at 150mm from output terminal. Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN: RM103). *3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25 C, with the input voltage held constant at the rated input/output. *4 Derating is required. *5 ( ) means peak current. There is a possibility that an internal device is damaged when the specification is exceeded. Please contact us about the detail. *6 Applicable when Remote ON/OFF (optional) is added. *7 Please contact us about dynamic load and input response. *8 Please contact us about another class. * To meet the specifications. Do not operate over-loaded condition. * Parallel operation is not possible. * Derating is required when operated with chassis and cover. * Sound noise may be generated by power supply in case of pulse load. Please refer to Instruction manual 5. LFA |
Podobny numer części - LFA100F-24 |
|
Podobny opis - LFA100F-24 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |