Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7946TRPBF Arkusz danych(PDF) 10 Page - International Rectifier

Numer części IRF7946TRPBF
Szczegółowy opis  Brushed Motor drive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7946TRPBF Arkusz danych(HTML) 10 Page - International Rectifier

Back Button IRF7946TRPBF Datasheet HTML 4Page - International Rectifier IRF7946TRPBF Datasheet HTML 5Page - International Rectifier IRF7946TRPBF Datasheet HTML 6Page - International Rectifier IRF7946TRPBF Datasheet HTML 7Page - International Rectifier IRF7946TRPBF Datasheet HTML 8Page - International Rectifier IRF7946TRPBF Datasheet HTML 9Page - International Rectifier IRF7946TRPBF Datasheet HTML 10Page - International Rectifier IRF7946TRPBF Datasheet HTML 11Page - International Rectifier IRF7946TRPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRF7946PbF
10
www.irf.com
DirectFET® Part Marking
DirectFET® Outline Dimension, MX Outline
(Medium Size Can, X-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes
all recommendations for stencil and substrate designs.
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
GATE MARKING
PART NUMBER
LOGO
BATCH NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"
CODE
A
B
C
D
E
F
G
H
J
K
L
M
P
0.017
0.028
0.007
0.040
0.095
0.156
0.028
0.018
0.028
MAX
0.250
0.38
0.59
0.08
0.88
2.28
3.85
0.68
0.35
0.68
MIN
6.25
4.80
0.42
0.70
0.17
1.02
2.42
3.95
0.72
0.45
0.72
MAX
6.35
5.05
0.015
0.023
0.003
0.090
0.035
0.152
0.027
0.027
0.014
MIN
0.189
0.246
METRIC
IMPERIAL
DIMENSIONS
1.38
1.42
0.80
0.84
0.056
0.054
0.033
0.031
R
0.03
0.08
0.001
0.003
Dimensions are shown in
millimeters (inches)
0.199


Podobny numer części - IRF7946TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF Datasheet
298Kb / 12P
   DirectFETPower MOSFET
IRF7946PBF IRF-IRF7946PBF Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
More results

Podobny opis - IRF7946TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com