Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N136 Arkusz danych(PDF) 1 Page - Everlight Electronics Co., Ltd

Numer części 6N136
Szczegółowy opis  8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N136 Arkusz danych(HTML) 1 Page - Everlight Electronics Co., Ltd

  6N136 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N136 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N136 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N136 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N136 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N136 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N136 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N136 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N136 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 13, 2013. Issue No: DPC-0000112 Rev.3
www.everlight.com
5
6
7
8
1
2
3
4
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
PHOTOCOUPLER
6N135 6N136 EL450x Series
Features
High speed 1Mbit/s
High isolation voltage between input
and output (Viso=5000 Vrms )
Guaranteed performance from 0°C to 70°C
Wide operating temperature range of -55°C to 100°C
Pb free and RoHS compliant
UL approved (No. 214129)
VDE approved (No. 132249)
SEMKO approved
NEMKO approved
DEMKO approved
FIMKO approved
CSA approved (No. 2037145)
Description
The 6N135, 6N136, EL4502 and EL4503 devices each consist of an infrared emitting diode, optically coupled to a high
speed photo detector transistor. A separate connection for the photodiode bias and output-transistor collector increase
the speed by several orders of magnitude over conventional phototransistor couplers by reducing the base-collector
capacitance of the input transistor. The devices are packaged in an 8-pin DIP package and available in wide-lead
spacing and SMD option
Applications
Line receivers
Telecommunication equipments
Power transistor isolation in motor drives
Replacement for low speed phototransistor photo couplers
Feedback loop in switch-mode power supplies
Home appliances
High speed logic ground isolation
Pin Configuration
1. No Connection
2. Anode
3. Cathode
4. No Connection
5. Gnd
6. Vout
7. VB
8. VCC
Pin Configuration
1. No Connection
2. Anode
3. Cathode
4. No Connection
5. Gnd
6. Vout
7. No Connection
8. VCC
6N135 / 6N136
EL4502 / EL4503
5
6
7
8
1
2
3
4
Schematic


Podobny numer części - 6N136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N136 FAIRCHILD-6N136 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136 AVAGO-6N136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Sharp Corporation
6N136 SHARP-6N136 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
Toshiba Semiconductor
6N136 TOSHIBA-6N136 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
More results

Podobny opis - 6N136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
   8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM453L EVERLIGHT-ELM453L Datasheet
385Kb / 12P
   5 PIN SOP 3.3V 1Mbit/s HIGH SPEED TRANSISTOR PHOTOCOUPLER
EL4504 EVERLIGHT-EL4504 Datasheet
1Mb / 14P
   HIGH CMR HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com