Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3216PPQX-EVB Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI3216PPQX-EVB
Szczegółowy opis  EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3216PPQX-EVB Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI3216PPQX-EVB Datasheet HTML 1Page - Silicon Laboratories SI3216PPQX-EVB Datasheet HTML 2Page - Silicon Laboratories SI3216PPQX-EVB Datasheet HTML 3Page - Silicon Laboratories SI3216PPQX-EVB Datasheet HTML 4Page - Silicon Laboratories SI3216PPQX-EVB Datasheet HTML 5Page - Silicon Laboratories SI3216PPQX-EVB Datasheet HTML 6Page - Silicon Laboratories SI3216PPQX-EVB Datasheet HTML 7Page - Silicon Laboratories SI3216PPQX-EVB Datasheet HTML 8Page - Silicon Laboratories SI3216PPQX-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Rev. 1.2 7/08
Copyright © 2008 by Silicon Laboratories
Si321xPPQx-EVB
Si321xPPQx-EVB
E VALUATION B OARD FOR THE Si3210/15/16 P ROSLIC ®
Description
This document describes the operation of the Silicon
Laboratories ProSLIC® device evaluation platform. The
devices supported by this document are the Si3210/15/
16 and Si3210M/15M/16M; both Si3201 and discrete
interface topologies are included. Schematics and
layouts are provided for the various ProSLIC products.
The ProSLIC evaluation platform is designed to provide
observation of the ProSLIC’s functionality. The ProSLIC
platform consists of a ProSLIC motherboard, a device-
specific daughter card, and the ProSLIC LINC™
software. The ProSLIC LINC software is a Windows®-
based program that can run in Microsoft Windows
environments.
Equipment requirements:
PC running Windows NT, 2000, or XP
25-pin D male-male cable
+5 V, 0.5 A power supply
+3.3 V, 0.5 A power supply (optional)
+12 V, 0.5 A power supply (Si3210, Si3215, Si3216)
Optional equipment:
Balanced audio generator and analyzer
(e.g., Audio Precision System 2 and/or HP TIMS set and/
or Wandel and Goltermann PCM-4)
8 kHz PCM signal generator and analyzer
(e.g., Audio Precision System 2 and Audio Precision SIA-
2322 and/or Wandel and Goltermann PCM-4)
Features
Silicon Laboratories ProSLIC device
All components necessary for linecard
implementation
Selectable secondary protection
Control I/O through standard Parallel Port
On-board PCLK and FSYNC clock generation for
stand-alone operation
PCM I/O set up for Audio Precision System 2 or
Wandel and Goltermann PCM-4
Full access to PCM highway
Multiple daughter cards may be stacked for multi-
channel evaluation and daisy chain control
ProSLIC power selection (3.3 or 5 V)
Related Documentation
ProSLIC LINC™ User Guide
Functional Block Diagram
Parallel Port
Power In
Audio
Generator/
Analyzer
On-Board
PCM Clock
Generator
GND +3.3 V +5 V
VIN
ProSLIC Motherboard
PC running ProSLIC LINC
software
RJ-11
Port
Si321x Daughter Card


Podobny numer części - SI3216PPQX-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
More results

Podobny opis - SI3216PPQX-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Silicon Laboratories
SI2493 SILABS-SI2493 Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com