Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7005-EVB Arkusz danych(PDF) 4 Page - Silicon Laboratories

Numer części SI7005-EVB
Szczegółowy opis  DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7005-EVB Arkusz danych(HTML) 4 Page - Silicon Laboratories

  SI7005-EVB Datasheet HTML 1Page - Silicon Laboratories SI7005-EVB Datasheet HTML 2Page - Silicon Laboratories SI7005-EVB Datasheet HTML 3Page - Silicon Laboratories SI7005-EVB Datasheet HTML 4Page - Silicon Laboratories SI7005-EVB Datasheet HTML 5Page - Silicon Laboratories SI7005-EVB Datasheet HTML 6Page - Silicon Laboratories SI7005-EVB Datasheet HTML 7Page - Silicon Laboratories SI7005-EVB Datasheet HTML 8Page - Silicon Laboratories SI7005-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Si7005
4
Rev. 1.2
1. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions.
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
VDD
2.1
3.3
3.6
V
Operating Temperature
TA
G grade
–40
85
°C
Operating Temperature
TA
F grade
0
70
°C
Table 2. General Specifications
2.1
 V
DD  3.6 V; TA = 0 to 70 °C (F grade) or –40 to 85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage High
VIH
CS, SCL, SDA pins
0.7xVDD
——
V
Input Voltage Low
VIL
CS, SCL, SDA pins
0.3xVDD
V
Input Voltage Range
VIN
SCL, SDA pins with respect
to GND
0.0
3.6
V
CS, CEXT pin with respect to
GND
0.0
VDD
V
Input Leakage
IIL
CS, SCL, SDA pins
±1
µA
Output Voltage Low
VOL
SDA pin; IOL = 8.5 mA;
VDD = 3.3 V
——
0.6
V
SDA pin; IOL = 3.5 mA;
VDD = 2.1 V
——
0.4
V
Notes:
1. Si7005 can draw excess current if VDD and CS are ramped high together. To enter the lowest power mode, either hold
CS low while VDD ramps or pulse CS low after VDD reaches its final value.
2. SDA and SCL pins have an internal 75 k
 pull-up resistor to VDD


Podobny numer części - SI7005-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si7005-B-FM SILABS-Si7005-B-FM Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7005-B-FM1 SILABS-Si7005-B-FM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7005-B-GM SILABS-Si7005-B-GM Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7005-B-GM1 SILABS-Si7005-B-GM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Podobny opis - SI7005-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com