Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZ-2R5D206T Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części DZ-2R5D206T
Szczegółowy opis  Standard, large capacitance type Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

DZ-2R5D206T Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  DZ-2R5D206T Datasheet HTML 1Page - List of Unclassifed Manufacturers DZ-2R5D206T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.No.2013/2014E
Standard Ratings (Series DZ 2.5V)
Max. operating voltage (V) Rated capacitance (F) Max. Leakage Current (mA) after 24h
ELNA Parts No.
φD×L (mm)
Internal resistance
(Ω max.) at 1kHz
Internal resistance (mΩ)
at 1kHz (measurement value)
2.5
0.9
0.1
DZ-2R5D904F4T
6.3×14.0
1.0
400
2.5
1.0
0.1
DZ-2R5D105G3T
8.0×12.0
1.0
200
2.5
1.0
0.1
DZ-2R5D105G4T
8.0×15.0
1.0
200
2.5
1.0
0.1
DZ-2R5D105T
8.0×22.0
1.0
150
2.5
2.7
0.2
DZ-2R5D275G5T
8.0×22.0
0.5
150
2.5
3.3
0.2
DZ-2R5D335H5T
10.0×20.0
0.3
70
2.5
3.3
0.2
DZ-2R5D335T
12.5×23.0
0.3
70
2.5
4.7
0.3
DZ-2R5D475H5T
10.0×20.0
0.2
80
2.5
4.7
0.3
DZ-2R5D475T
12.5×31.5
0.2
40
2.5
6.8
0.4
DZ-2R5D685H7T
10.0×30.0
0.2
50
2.5
10
0.5
DZ-2R5D106H8T
10.0×35.0
0.2
40
2.5
10
0.5
DZ-2R5D106Z7T
12.5×31.5
0.2
40
2.5
10
0.5
DZ-2R5D106T
18.0×35.0
0.2
30
2.5
15
0.7
DZ-2R5D156J5T
16.0×20.0
0.2
35
2.5
20
0.8
DZ-2R5D206K8T
18.0×35.0
0.2
30
2.5
20
0.8
DZ-2R5D206T
18.0×40.0
0.2
30
2.5
22
0.8
DZ-2R5D226J6T
16.0×25.0
0.2
30
2.5
30
0.8
DZ-2R5D306K9T
18.0×40.0
0.2
30
2.5
33
0.8
DZ-2R5D336J8T
16.0×35.5
0.2
30
2.5
50
1.0
DZ-2R5D506T
25.0×40.0
0.08
20
2.5
100
1.0
DZ-2R5D107S37T
25.0×50.0
0.08
15
2.5
100
1.0
DZ-2R5D107T
35.0×50.0
0.08
15
2.5
200
2.0
DZ-2R5D207S57T
35.0×50.0
0.08
15
We tailor packaged product in series and parallel arrangements according to voltage and capacitance as required.
Standard Ratings (Series DZ 2.7V)
Max. operating voltage (V) Rated capacitance (F) Max. Leakage Current (mA) after 24h
ELNA Parts No.
φD×L (mm)
Internal resistance
(Ω max.) at 1kHz
Internal resistance (mΩ)
at 1kHz (measurement value)
2.7
0.9
0.2
DZ-2R7D904F4T
6.3×14.0
1.0
400
2.7
1.0
0.2
DZ-2R7D105G3T
8.0×12.0
1.0
200
2.7
1.0
0.2
DZ-2R7D105G4T
8.0×15.0
1.0
200
2.7
1.0
0.2
DZ-2R7D105G5T
8.0×22.0
1.0
150
2.7
2.7
0.3
DZ-2R7D275G5T
8.0×22.0
0.5
150
2.7
3.3
0.3
DZ-2R7D335H5T
10.0×20.0
0.3
100
2.7
3.3
0.3
DZ-2R7D335Z6T
12.5×23.0
0.3
70
2.7
4.7
0.4
DZ-2R7D475H5T
10.0×20.0
0.2
80
2.7
4.7
0.4
DZ-2R7D475Z7T
12.5×31.5
0.2
40
2.7
6.8
0.5
DZ-2R7D685H7T
10.0×30.0
0.2
50
2.7
10
0.6
DZ-2R7D106H8T
10.0×35.0
0.2
40
2.7
10
0.6
DZ-2R7D106Z7T
12.5×31.5
0.2
40
2.7
10
0.6
DZ-2R7D106K8T
18.0×35.0
0.2
30
2.7
15
0.8
DZ-2R7D156J6T
16.0×25.0
0.2
35
2.7
20
1.0
DZ-2R7D206K8T
18.0×35.0
0.2
30
2.7
20
1.0
DZ-2R7D206K9T
18.0×40.0
0.2
30
2.7
22
1.0
DZ-2R7D226J7T
16.0×31.5
0.2
30
2.7
30
1.0
DZ-2R7D306K9T
18.0×40.0
0.2
30
2.7
33
1.0
DZ-2R7D336J9T
16.0×40.0
0.2
30
We tailor packaged product in series and parallel arrangements according to voltage and capacitance as required.
Standard Ratings (Series DZH 2.5V)
Max. operating voltage (V) Rated capacitance (F) Max. Leakage Current (mA) after 24h
ELNA Parts No.
φD×L (mm)
Internal resistance
(Ω max.) at 1kHz
Internal resistance (mΩ)
at 1kHz (measurement value)
2.5
50
1.0
DZH-2R5D506K9T
18.0×40.0
0.08
30
2.5
100
2.0
DZH-2R5D107S35T
25.0×40.0
0.08
20
2.5
300
5.0
DZH-2R5D307S57T
35.0×50.0
0.08
15
We tailor packaged product in series and parallel arrangements according to voltage and capacitance as required.
203
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
®
ELECTRIC DOUBLE LAYER CAPACITORS “DYNACAP”
DZ,DZH


Podobny numer części - DZ-2R5D206T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DZ-2R5D206 ETC2-DZ-2R5D206 Datasheet
59Kb / 2P
   High Energy type Capacitors
More results

Podobny opis - DZ-2R5D206T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
TCT_PL ROHM-TCT_PL_11 Datasheet
150Kb / 7P
   Tantalum capacitors (Bottom surface electrode type : Large capacitance)
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Rohm
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com