Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZPR3P422 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części IZPR3P422
Szczegółowy opis  Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

IZPR3P422 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  IZPR3P422 Datasheet HTML 1Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 2Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 3Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 4Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 5Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 6Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 7Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 8Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IZ series
Rear mounted sealed pushbutton switches - bushing Ø 16 - metal - latching
Overview
4
APEM
www.apem.com
Preliminary
IZ
SERIES
Electrical function
1
OFF - ON
Actuator colour
1
Blue
B
Dark blue
2
Black
3
Green
5
Yellow
6
Red
7
White
8
Bright chrome
9
Orange
A
Satin chrome
Contacts
4
Silver, gold plated
LED colour
Blank
Non-illum.
L0S
Super red
L0Y
Yellow
L0G
Green
L0B
Blue
ABOUT THIS SERIES
On the following pages, you will find successively :
model structure of switches and options in the same order as in above chart
Dimensions :
first dimensions are in mm while inches are shown as bracketted numbers.
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
Bushing & bezel finish
N
Nickel plated
(standard)
Other : on request.
Actuator shape
R
Round, curved
P
Round, flat
Model
N
Metal, fixed
panel thickness
M
Metal, variable
panel thickness
Mounting accessories
: Standard hardware supplied :
- IZN : 1 castellated nickel plated brass nut U6911 + 1 O-ring
- IZM : 1 castellated nickel plated brass nut U6911 + 1 silicone flat seal + 1 hex nut 19 mm (.748) across flats U4116.
Packaging unit
: 25 pieces for flying lead models - 40 pieces for other models
Terminals
S
Solder lugs
F
Flying leads
P
Straight PC
Z
Quick-connect


Podobny opis - IZPR3P422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
   Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
   Sealed pushbutton switches - bushing 12 mm - momentary
IPR1SAD6 ETC2-IPR1SAD6 Datasheet
357Kb / 7P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
   PUSHBUTTON SWITCHES - LATCHING
logo
List of Unclassifed Man...
IPC3SAD2 ETC2-IPC3SAD2 Datasheet
350Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
List of Unclassifed Man...
ICC3SCD1100 ETC2-ICC3SCD1100 Datasheet
205Kb / 4P
   Pushbutton switches for harsh environments - short case - bushing 횠 12 mm - momentary
ZL38S0102 ETC1-ZL38S0102 Datasheet
156Kb / 2P
   Tiny toggle switches - metal bushing
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com