Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB04N03H8 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części MTB04N03H8
Szczegółowy opis  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB04N03H8 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  MTB04N03H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB04N03H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB04N03H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB04N03H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB04N03H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB04N03H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB04N03H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB04N03H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB04N03H8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C789H8
Issued Date : 2010.09.23
Revised Date : 2012.11.12
Page No. : 1/11
MTB04N03H8
CYStek Product Specification
N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03H8
BVDSS
30V
ID
75A
RDS(ON)@VGS=10V, ID=30A
3.2 mΩ(typ)
RDS(ON)@VGS=4.5V, ID=25A
4.9 mΩ(typ)
Description
The MTB04N03H8 is a N-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
Features
• Single Drive Requirement
• Low On-resistance
• Fast Switching Characteristic
• Dynamic dv/dt rating
• Repetitive Avalanche Rated
• Pb-free lead plating and Halogen-free package
Symbol
Outline
MTB04N03H8
DFN5×6
Pin 1
G:Gate
D:Drain
S:Source


Podobny numer części - MTB04N03H8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB04N03AQ8 CYSTEKEC-MTB04N03AQ8 Datasheet
325Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03E3 CYSTEKEC-MTB04N03E3 Datasheet
304Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB04N03F3 CYSTEKEC-MTB04N03F3 Datasheet
413Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB04N03J3 CYSTEKEC-MTB04N03J3 Datasheet
344Kb / 11P
   N-Channel Enhancement Mode Power MOSFET
MTB04N03Q8 CYSTEKEC-MTB04N03Q8 Datasheet
317Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Podobny opis - MTB04N03H8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com