Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB80N08J3 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części MTB80N08J3
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB80N08J3 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  MTB80N08J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB80N08J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB80N08J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB80N08J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB80N08J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB80N08J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB80N08J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB80N08J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB80N08J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C909J3
Issued Date : 2013.04.01
Revised Date : 2013.12.30
Page No. : 3/ 9
MTB80N08J3
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
80
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.07
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1
1.9
2.5
V
VDS = VGS, ID=250μA
*GFS
-
17
-
S
VDS =5V, ID=15A
IGSS
-
-
±
100
nA
VGS=±25V
-
-
1
VDS =64V, VGS =0V
IDSS
-
-
10
μA
VDS =64V, VGS =0V, Tj=125
°C
-
59.6
80
VGS =10V, ID=15A
*RDS(ON)
-
60.5
90
VGS =4.5V, ID=10A
Dynamic
*Qg
-
20
-
*Qgs
-
6.9
-
*Qgd
-
3.3
-
nC
VDD=40V, ID=15A,VGS=10V
*td(ON)
-
36
-
*tr
-
24
-
*td(OFF)
-
56
-
*tf
-
47
-
ns
VDD=40V, ID=15A, VGS=10V, RG=6Ω
Ciss
-
1748
-
Coss
-
50
-
Crss
-
37
-
pF
VGS=0V, VDS=25V, f=1MHz
Source-Drain Diode
*IS
-
-
15
*ISM
-
-
60
A
*VSD
-
0.87
1
V
IS=15A, VGS=0V
*trr
-
60
-
ns
*Qrr
-
90
-
nC
VGS=0, IF=15A, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended soldering footprint


Podobny numer części - MTB80N08J3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTB8N50E MOTOROLA-MTB8N50E Datasheet
162Kb / 6P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS
logo
Inchange Semiconductor ...
MTB8N50E ISC-MTB8N50E Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - MTB80N08J3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com