Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB090N06N3 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części MTB090N06N3
Szczegółowy opis  60V N-CHANNEL Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB090N06N3 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  MTB090N06N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB090N06N3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C420N3
Issued Date : 2014.01.24
Revised Date :
Page No. : 3/9
MTB090N06N3
CYStek Product Specification
Qg
-
6
-
Qgs
-
1.7
-
Qgd
-
1.6
-
nC
VDS=30V, ID=3.9A, VGS=10V
Source-Drain Diode
*IS
-
-
3.9
*ISM
-
-
16
A
*VSD
-
0.8
1.2
V
VGS=0V, IF=2.3A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended Soldering Footprint


Podobny numer części - MTB090N06N3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB090N06I3 CYSTEKEC-MTB090N06I3 Datasheet
265Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB090N06I3 DOINGTER-MTB090N06I3 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB090N06I3-0-UJ-G CYSTEKEC-MTB090N06I3-0-UJ-G Datasheet
265Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB090N06J3 CYSTEKEC-MTB090N06J3 Datasheet
401Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB090N06J3 DOINGTER-MTB090N06J3 Datasheet
674Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - MTB090N06N3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com