Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTBA5C10Q8 Arkusz danych(PDF) 7 Page - Cystech Electonics Corp.

Numer części MTBA5C10Q8
Szczegółowy opis  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5C10Q8 Arkusz danych(HTML) 7 Page - Cystech Electonics Corp.

Back Button MTBA5C10Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 9Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C744Q8
Issued Date : 2009.10.16
Revised Date : 2011.10.03
Page No. : 7/10
MTBA5C10Q8
CYStek Product Specification
P-channel Characteristic Curves(Cont.)
V
= - 50V
Q - Gate Charge(nC)
0
0
2
4
10
g
D
I = - 1.5A
6
8
10
20
30
40
- 80V
DS
Gate Charge Characteristics
-V - D ra in -So u rce V o ltag e ( V )
60 0
0
0
300
DS
20
Crss
Co ss
900
150 0
Ciss
40
60
80
GS
f = 1 M H z
V
= 0 V
Capa cita nce Ch a ra cte ristics
100
150
450
750
135 0
1200
105 0
20
0
10
30
40
50
Single Pulse
R = 125°C/W
T = 25°C
A
θJA
t ,Time ( sec )
0.001
0.01
0.1
1
100
10
1
1000
Single Pulse Maximum Power Dissipation
DC
-V
- Drain-Source Voltage( V )
V = -10V
Single Pulse
R = 125°C/W
T = 25°C
DS
θJA
A
GS
R
Lim
it
DS(
ON
)
0.01
0.1
1
10
100
10
0mS
10m
S
1m
S
10
0u
S
Maximum Safe Operating Area
10
uS
10
100
1
1000
0.1
-1
t ,Time (sec)
Transient Thermal Response Curve
10
0.001
-4
0.01
0.02
10
-3
10
-2
10
Single Pulse
0.01
Duty Cycle = 0.5
0.1
0.1
0.05
0.2
1
P
θ
JA
4.R (t)=r(t) + R
3.T - T = P * R
(t)
θ
JA
2.R
=125°C/W
1.Duty Cycle,D =
DM
1
1
10
J
1000
100
t1
t2
θ
JA
θ
JA
A
t2
t1
Notes:


Podobny numer części - MTBA5C10Q8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8-0-T6-G CYSTEKEC-MTBA5C10V8-0-T6-G Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

Podobny opis - MTBA5C10Q8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com