Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTBC7N10N3 Arkusz danych(PDF) 9 Page - Cystech Electonics Corp.

Numer części MTBC7N10N3
Szczegółowy opis  100V N-Channel Logic Level Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBC7N10N3 Arkusz danych(HTML) 9 Page - Cystech Electonics Corp.

  MTBC7N10N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTBC7N10N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTBC7N10N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTBC7N10N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTBC7N10N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTBC7N10N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTBC7N10N3 Datasheet HTML 7Page - Cystech Electonics Corp. MTBC7N10N3 Datasheet HTML 8Page - Cystech Electonics Corp. MTBC7N10N3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C886N3
Issued Date : 2012.11.14
Revised Date :
Page No. : 9/9
MTBC7N10N3
CYStek Product Specification
SOT-23 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0034
0.0070
0.085
0.177
B
0.0472
0.0630
1.20
1.60
K
0.0128
0.0266
0.32
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1161
2.10
2.95
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0005
0.0040
0.013
0.10
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
Style: Pin 1.Gate 2.Source 3.Drain
3-Lead SOT-23 Plastic
Surface Mounted Package
CYStek Package Code: N3
H
J
K
D
A
Device Code
Date
Code
C7NA
L
G
V
C
B
3
2
1
S


Podobny numer części - MTBC7N10N3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTBC7N10K3 CYSTEKEC-MTBC7N10K3 Datasheet
718Kb / 10P
   100V N-Channel Enhancement Mode MOSFET
MTBC7N10K3-0-BM-G CYSTEKEC-MTBC7N10K3-0-BM-G Datasheet
718Kb / 10P
   100V N-Channel Enhancement Mode MOSFET
MTBC7N10K3-0-TB-G CYSTEKEC-MTBC7N10K3-0-TB-G Datasheet
718Kb / 10P
   100V N-Channel Enhancement Mode MOSFET
More results

Podobny opis - MTBC7N10N3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTN7478Q8 CYSTEKEC-MTN7478Q8 Datasheet
392Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7303DT1WG LRC-LN7303DT1WG Datasheet
509Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
LN73023DT1WG LRC-LN73023DT1WG Datasheet
1Mb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
LNB8303DT0AG LRC-LNB8303DT0AG Datasheet
849Kb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Bruckewell Technology L...
MS17N03Q8 BWTECH-MS17N03Q8 Datasheet
352Kb / 4P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB17N03Q8 CYSTEKEC-MTB17N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
MTB55N06Q8 CYSTEKEC-MTB55N06Q8 Datasheet
325Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LNB8304RDT0AG LRC-LNB8304RDT0AG Datasheet
412Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P2206BV UNIKC-P2206BV Datasheet
795Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7304DT1WG LRC-LN7304DT1WG Datasheet
548Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com