Zakładka z wyszukiwarką danych komponentów |
|
3-1393230-3 Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
3-1393230-3 Arkusz danych(HTML) 2 Page - Tyco Electronics |
2 / 3 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 SCHRACK General Purpose Relays PCB Relays Power PCB Relay RPII/1 (Continued) Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature -40 to +70°C Category of environmental protection IEC 61810 RTII - flux proof, RTIII - wash tight Vibration resistance (functional), form A/form B, 30 to 300Hz 10/2g Shock resistance (destructive) 100g Terminal type PCB-THT Weight 18g Resistance to soldering heat THT, IEC 60068-2-20 flux proof version 270°C/10s wash tight version 260°C/5s Packaging/unit tube/20 pcs., box/500 pcs. Dimensions Dimensions in mm S0273-AA PCB layout / terminal assignment Bottom view on solder pins Dimensions in mm 8/12A, pinning 3.5 mm 1 form C (1 CO) 1 form A (1 NO) 8/12A, pinning 5 mm 1 form C (1 CO) 1 form A (1 NO) 16A, pinning 5 mm 1 form C (1 CO) 1 form A (1 NO) S0163-BG S0163-BC S0163-BD S0163-BF S0163-BE S0163-BH S0163-CO S0163-CP S0163-CQ Product code structure Typical product code RP 3 1 0 024 Type RP Power PCB Relay RPII/1 Version 3 16A, flux proof 7 16A, wash tight 4 8/12A, flux proof 8 8/12A, wash tight Contact arrangement 1 1 form C contact (1 CO) 3 1 form A contact (1 NO) Contact material and pinning 1 AgNi0.15, 8A, pinning 5mm 0 AgCdO, 12/16A, pinning 5mm 2 AgNi0.15, 8A, pinning 3.5mm 8 AgCdO, 12A, pinning 3.5mm Coil Coil code: please refer to coil versions table |
Podobny numer części - 3-1393230-3 |
|
Podobny opis - 3-1393230-3 |