Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADQM26012 Arkusz danych(PDF) 3 Page - Panasonic Semiconductor

Numer części ADQM26012
Szczegółowy opis  Automation Controls Catalog
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADQM26012 Arkusz danych(HTML) 3 Page - Panasonic Semiconductor

  ADQM26012 Datasheet HTML 1Page - Panasonic Semiconductor ADQM26012 Datasheet HTML 2Page - Panasonic Semiconductor ADQM26012 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Panasonic Corporation 2014
©
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
DQ-M (ADQM)
–3–
ASCTB179E 201402-T
DIMENSIONS (mm inch)
NOTES
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
Notes: 1. These are dummy terminals for the strength reinforcement for the M4 screw terminal connection.
Fix or solder these to the PC board in case setting M4 screw.
However, do not use the dummy terminals as wiring to the PC board. In case wiring of the dummy
terminals, the conductor destruction may occur due to the high current.
2. No 3rd terminal on 1 coil latching type.
External dimensions
Note 1)
2 coil latching
type only
This differs with
the part No.
0.8
.031
0.8
.031
7.62
.300
3.6
.142
0.8
.031
0.8
.031
2-4.3
dia.
2-.169
dia.
2-8.7
2-.343
MADE IN JAPAN
ADQM26012
Lot. No.
1.5
.059
(8.9)
(.350)
(2.0)
(.079)
5.08
.200
5.08
.200
1.8
.071
0.4
.016
1.5
.059
0.4
.016
5.8
.228
25.4
1.000
29.5
1.161
40.4
1.591
19.42
.765
20.56
.809
2-9.9
2-.390
29.0
1.142
38.0
1.496
44.0
1.732
34.5
1.358
40.4
1.591
22.86
.700
3.7
.146
17.3
.681
9.25
.364
5.08
.200
0.3
.012
General tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
2 coil latching type only
7.62
.300
3-1.5
dia.
3-.059
dia.
5.08
.200
17.78
.700
25.4
1.000
5.08
.200
5.08
.200
2 coil latching type
1 coil latching type
+
-
--
1
5
4
2
6
7
6
7
Reset
coil
Set
coil
+
1
5
4
3
2
CAD Data
1. For cautions for use, please read
“GENERAL APPLICATION
GUIDELINES” on page B-1.
2. Coil operating power
Pure DC current should be applied to the
coil. The wave form should be
rectangular. If it includes ripple, the ripple
factor should be less than 5%. However,
check it with the actual circuit since the
characteristics may be slightly different.
Also, the power waveform should be
square and we recommend it be at least
0.1 seconds. Please keep continuous
power to the coil to within 10 seconds.
3. Usage, transport and storage
conditions
1) Temperature:
–40 to +70
°C –40 to +158°F
2) Humidity: 5 to 75% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for
usage, transport, and storage
4. Others
Installation of M4 securing screw
Do not apply excessive pressure on the
terminals. This could adversely affect
relay performance. Secure to the PC
board a dummy terminal designed for
reinforcement of the terminal and use a
washer in order to prevent deformation.
Keep the installation torque to within 1.2
and 1.4 N·m (12 to 14 kgf·cm). Also, use
a spring washer to prevent it from
loosening. Do not use the dummy
terminals as wiring to the PC board. In
case wiring of the dummy terminals, the
conductor destruction may occur due to
the high current.
5
75
Humidity, %R.H.
070
–40
+32
+158
–40
Temperature,
°C °F
(Avoid
condensation
when used at
temperatures
higher than
0
°C
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
32
°F)
Tolerance range


Podobny numer części - ADQM26012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ADQ-180 MINI-ADQ-180 Datasheet
297Kb / 1P
   Power Splitter/Combiner
ADQ-22 MINI-ADQ-22 Datasheet
312Kb / 1P
   Power Splitter/Combiner
ADQ-32 MINI-ADQ-32 Datasheet
316Kb / 1P
   Power Splitter/Combiner
ADQ-32W MINI-ADQ-32W Datasheet
312Kb / 1P
   Power Splitter/Combiner
ADQ-90 MINI-ADQ-90 Datasheet
322Kb / 1P
   Power Splitter/Combiner
More results

Podobny opis - ADQM26012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com