Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1324SLPBF Arkusz danych(PDF) 10 Page - Vishay Siliconix

Numer części IRF1324SLPBF
Szczegółowy opis  High Efficiency Synchronous Rectification in SMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF1324SLPBF Arkusz danych(HTML) 10 Page - Vishay Siliconix

Back Button IRF1324SLPBF Datasheet HTML 2Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 3Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 4Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 5Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 6Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 7Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 8Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 9Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF1324S/LPbF
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 09/2009
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
D2Pak (TO-263AB) Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


Podobny numer części - IRF1324SLPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1324S-7PPBF IRF-IRF1324S-7PPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET
IRF1324S-7PPBF IRF-IRF1324S-7PPBF Datasheet
266Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRF1324S-7PPBF INFINEON-IRF1324S-7PPBF Datasheet
711Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
2015-10-15
logo
International Rectifier
IRF1324S-7PPBF IRF-IRF1324S-7PPBF_15 Datasheet
266Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRF1324SPBF IRF-IRF1324SPBF Datasheet
526Kb / 10P
   HEXFET Power MOSFET
More results

Podobny opis - IRF1324SLPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com