Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1444 Arkusz danych(PDF) 1 Page - Savantic, Inc.

Numer części 2SD1444
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD1444 Arkusz danych(HTML) 1 Page - Savantic, Inc.

  2SD1444 Datasheet HTML 1Page - Savantic, Inc. 2SD1444 Datasheet HTML 2Page - Savantic, Inc. 2SD1444 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1444 2SD1444A
DESCRIPTION
·With TO-220Fa package
·Low collector saturation voltage
·High speed switching
·High collector current
·Complement to type 2SB953/953A
APPLICATIONS
·Power amplifiers
·Low voltage switching
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SD1444
40
VCBO
Collector-base voltage
2SD1444A
Open emitter
50
V
2SD1444
20
VCEO
Collector-emitter voltage
2SD1444A
Open base
40
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current (DC)
7
A
ICM
Collector current-peak
12
A
TC=25
30
PC
Collector power dissipation
Ta=25
2
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-220Fa) and symbol


Podobny numer części - 2SD1444

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1444 PANASONIC-2SD1444 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
logo
Savantic, Inc.
2SD1444 SAVANTIC-2SD1444 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1444 ISC-2SD1444 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
logo
Panasonic Semiconductor
2SD1444A PANASONIC-2SD1444A Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
logo
Savantic, Inc.
2SD1444A SAVANTIC-2SD1444A Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD1444

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com