Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML2402GTRPBF Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRLML2402GTRPBF
Szczegółowy opis  Generation V Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402GTRPBF Arkusz danych(HTML) 4 Page - International Rectifier

  IRLML2402GTRPBF Datasheet HTML 1Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 2Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 3Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 4Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 5Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 6Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 7Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLML2402GPbF
4
www.irf.com
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
40
80
120
160
200
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
2
4
6
8
10
0.0
1.0
2.0
3.0
4.0
G
A
Q , Total Gate Charge (nC)
FOR TEST CIRCUIT
SEE FIGURE 9
I = 0.93A
V
= 16V
D
DS
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
0.1
1
10
100
1
10
100
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
T
= 25°C
T
= 150°C
Single Pulse
100μs
1ms
10ms
A
A
J


Podobny numer części - IRLML2402GTRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML2402 IRF-IRLML2402 Datasheet
81Kb / 8P
   HEXFET Power MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
202Kb / 8P
   HEXFET POWER MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
210Kb / 8P
   HEXFET POWER MOSFET
logo
Guangdong Kexin Industr...
IRLML2402 KEXIN-IRLML2402 Datasheet
2Mb / 5P
   N-Channel MOSFET
IRLML2402-3 KEXIN-IRLML2402-3 Datasheet
2Mb / 5P
   N-Channel MOSFET
More results

Podobny opis - IRLML2402GTRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com