Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8503-B-GM Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części SI8503-B-GM
Szczegółowy opis  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI8503-B-GM Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI8503-B-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8503-B-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8503-B-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8503-B-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8503-B-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8503-B-GM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI8503-B-GM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI8503-B-GM Datasheet HTML 12Page - List of Unclassifed Manufacturers SI8503-B-GM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Si85xx
Preliminary Rev. 0.4
9
2. Functional Overview
The Si85xx ac current sensor family of products mimics
the functionality of traditional current transformer (CT)
circuits with burden resistor, diode, and output filter, but
offers enhanced performance and added capabilities.
These devices use inductive current sensing and on-
board signal conditioning electronics to generate a 2 V
full-scale output signal proportional to the ac current
flowing from the IIN to the IOUT terminals. As shown in
Figures 2 and 3, current flowing through the metal
package slug induces a signal in the pickup coil on the
Si85xx die. This signal is applied to the input of an
integrator that reconstructs the ac current flowing from
IIN to IOUT. Onboard circuitry provides cycle-by-cycle
integrator reset and temperature and offset voltage
compensation to achieve initial measurement accuracy
to within ±5%.
Figure 2. Si850x (Single Output) Block Diagram
Figure 3. Si851x (Ping Pong Output) Block
Diagram
The Si85xx is superior to other current sensing
approaches and benefits the system in a number of
ways:
Small size: With its 4x4 mm footprint and 1 mm
height (QFN package option), the Si85xx is among
the smallest current sensors available.
Large output signal: The nominal 2.0 V full-scale
output swing offers superior noise immunity versus
other current sensing technologies.
Low loss: The Si85xx adds only 1.3 m
 (at 25 °C)
to the sensing path, making it one of the lowest-loss
current sensors available. Low 2 nH primary series
inductance is 2,000 times lower compared to a CT
and results in significantly less ringing.
High precision: All versions are available with an
initial maximum error of ±5% of reading; one of the
most accurate current sensors available.
Ping-Pong output mode (Si851x): Alternately
routes the current measurements from each side of
a full-bridge circuit to separate output pins for
comparison, which is very useful for transformer flux
balancing applications. Eliminates a second CT in a
full-bridge application.
Leading edge noise suppression: Filters out
reflected noise due to long reverse recovery time of
output rectifier. Eliminates the need for external
leading edge blanking circuit.
High common-mode voltage: The Si85xx offers a
minimum of 1,000 VRMS (for QFN package) or
5kVRMS (for SOIC package) of common-mode
voltage range (or isolation), making it useful over a
very wide voltage range.
Si850x
VDD1
TRST
IOUT
IIN
GND1
INTEGRATOR
SIGNAL CONDITIONING
ADC
AUTO CALIBRATION
LOGIC
TEMP
SENSOR
OUT
VDD2
R1
R2
RESET LOGIC
GND2
NC
GND3
PICKUP
COIL
Si851x
VDD
TRST/FAULT
IOUT
IIN
GND
INTEGRATOR
SIGNAL CONDITIONING
ADC
AUTO CALIBRATION
LOGIC
TEMP
SENSOR
OUT1
OUT2
MODE LOGIC
MODE
R1
R2
R3
R4
RESET LOGIC
PICKUP
COIL


Podobny numer części - SI8503-B-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8503-B-GM SILABS-SI8503-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

Podobny opis - SI8503-B-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com