Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8518-B-GM Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części SI8518-B-GM
Szczegółowy opis  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI8518-B-GM Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  SI8518-B-GM Datasheet HTML 1Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 2Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Si85xx
Preliminary Rev. 0.4
5
OUT, OUT1, OUT2 Offset Voltage
(VOUTMIN)
Current flow from IIN to IOUT =0
50
mV
VOUT Slew Rate
1,2
OUT, OUT1, OUT2 load = 5K || 50 pF
50
V/µs
OUT, OUT1, OUT2 Output Resistance
20
130
Total Measurement Error (%)
(–40 to 125 ºC Temp Range)
20% of full scale3,4 (all devices)
–30
+30
%
100% of full scale3,4
–10
+10
%
Table 2. Regulatory Information1 (SOIC-20 Only)
CSA
The Si85xx is certified under CSA Component Acceptance Notice 5A. For more details, see File 232873.
VDE2
The Si85xx is certified according to IEC 60747-5-2. For more details, see File 5006301-4880-0001.
UL
The Si85xx is certified under UL1577 component recognition program. For more details, see File E257455.
Notes:
1. All 5.0 kVRMS rated devices are production tested to >6.0 kVRMS for 1 sec. For more information, see "6. Ordering
Guide" on page 26.
2. Pending.
Table 1. Electrical Specifications (Continued)
TA = –40 to +125 ºC (typical specified at 25 ºC), VDD = 3 V (±10%) to 5 V (±10%), f = 400 kHz, unless specified
Parameter
Conditions
Min
Typ
Max
Unit
Notes:
1. Guaranteed by design and/or characterization.
2. Maximum output load is not recommended to exceed 200 pF and 5 k
.
3. Production tested at 400 kHz (50% duty cycle) at VDD = 3.3 V.
4. See "2.4. Total Measurement Error" on page 11 for more information.


Podobny numer części - SI8518-B-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8518-B-GM SILABS-SI8518-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

Podobny opis - SI8518-B-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com