Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM-146-AMC-146 Arkusz danych(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Numer części AM-146-AMC-146
Szczegółowy opis  High Performance Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-146-AMC-146 Arkusz danych(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-146-AMC-146 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-146-AMC-146 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-146-AMC-146 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Performance Amplifier,
21 dB Gain, 10 - 500 MHz
Rev. V3
AM-146/AMC-146
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
20.3
21.0
21.7
Frequency Response
dB
±1.0
Gain Variation with
Temperature
dB
+-0.8, -1.2
1 dB Compression
Output Power
dBm
+20.0
Noise Figure
dB
dB
7.0
5.5
Reverse Transmission
dB
-35
-30.0
VSWR
Ratio
2:1
Output IP2
Two-Tone inputs up to +10 dBm
dBm
+40
Output IP3
Two-Tone inputs up to +10 dBm
dBm
+30
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
130
140
Power Dissipation
@ +15 V Bias
mW
2
Frequency
50 MHz
10 - 500 MHz
10 - 500 MHz
10 - 500 MHz
10 - 500 MHz
10 - 300 MHz
10 - 500 MHz
10 - 500 MHz
10 - 500 MHz
10 - 500 MHz
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 2 W must be provided
in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
10
0.13/-118.5
11.44/16.8
0.02/7.1
0.14/164.6
20
0.12/-144.0
11.63/-1.0
0.02/-4.0
0.16/168.2
50
0.13/-175.5
11.56/-27.1
0.02/-25.3
0.15/155.9
75
0.14/169.0
11.49/-44.3
0.02/-41.3
0.13/143.8
100
0.15/163.8
11.45/-59.9
0.02/-55.7
0.08/132.5
200
0.16/121.4
11.24/-120.3
0.02/-113.3
0.05/160.6
300
0.18/86.3
11.34/176.4
0.02/-170.1
0.07/167.7
400
0.20/55.2
11.33/110.4
0.02/133.3
0.12/159.2
500
0.23/13.1
10.84/31.1
0.01/75.6
0.23/174.8
S-Parameter Data


Podobny numer części - AM-146-AMC-146

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM-146-AMC-146 MA-COM-AM-146-AMC-146_15 Datasheet
78Kb / 3P
   High Performance Amplifier
More results

Podobny opis - AM-146-AMC-146

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM-123-AMC-123 MA-COM-AM-123-AMC-123 Datasheet
118Kb / 3P
   High Performance Amplifier
AM-146 MA-COM-AM-146_15 Datasheet
472Kb / 4P
   High Performance Amplifier
AM-123-AMC-123 MA-COM-AM-123-AMC-123_15 Datasheet
118Kb / 3P
   High Performance Amplifier
AM-119-AMC-119 MA-COM-AM-119-AMC-119_15 Datasheet
81Kb / 3P
   High Performance Amplifier
AM-145-AMC-145 MA-COM-AM-145-AMC-145 Datasheet
89Kb / 3P
   High Performance Amplifier
AMC-123_V4 MA-COM-AMC-123_V4 Datasheet
118Kb / 3P
   High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146_15 Datasheet
78Kb / 3P
   High Performance Amplifier
AM-119-AMC-119 MA-COM-AM-119-AMC-119 Datasheet
81Kb / 3P
   High Performance Amplifier
AM-145-AMC-145 MA-COM-AM-145-AMC-145_15 Datasheet
89Kb / 3P
   High Performance Amplifier
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
   High-performance Instrumentation Amplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com