Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1000 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części SI1000
Szczegółowy opis  WIRELESS PRODUCT SELECTOR GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI1000 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI1000 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI1000 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
W IR E L E S S P R O D U C T S E L EC T O R G U ID E / 8
PART NUMBER
TYPE
FREQUENCY
ANTENNA CONFIGURATION
4330-T-B1 B 470
Si4430 RX Testcard
470 MHz
Single tied antenna
4330-T-B1 B 868
Si4430 RX Testcard
868 MHz
Single tied antenna
4330-T-B1 B 915
Si4430 RX Testcard
915 MHz
Single tied antenna
4330-T-B1 B 950
Si4430 RX Testcard
950 MHz
Single tied antenna
4032-T-B1 B 915
Si4430 TX Testcard
915 MHz
Single tied antenna
4032-T-B1 B 470
Si4430 TX Testcard
470 MHz
Single tied antenna
4031-T-B1 B 868
Si4430 TX Testcard
868 MHz
Single tied antenna
4031-T-B1 B 434
Si4430 TX Testcard
434 MHz
Single tied antenna
4461-TSC14D868-EK
Si4461 TRX Testcard
868 MHz
Si4461 +14 dBm radio test card
4460-TCE10D868-EK
Si4460 TRX Testcard
868 MHz
Si4460 +10 dBm radio test card
4463-TCE20C868-EK
Si4463 TRX Testcard
868 MHz
Si4463 +20 dBm radio test card
4463-TCE27F868-EK
Si4463 TRX Testcard
868 MHz
Si4463 +27 dBm radio test card
4463-TSQ20D169-EK
Si4463 TRX Testcard
169 MHz
Si4463 +20 dBm radio test card
4463-TSQ27F169-EK
Si4463 TRX Testcard
169 MHz
Si4463 +27 dBm radio test card
4460-TCE10D434-EK
Si4460 TRX Testcard
434 MHz
Si4460 +10 dBm radio test card
4463-TCE20B460-EK
Si4463 TRX Testcard
460 MHz
Si4463 +20 dBm SPLIT radio test card
4463-TCE20C460-EK
Si4463 TRX Testcard
460 MHz
Si4463 +20 dBm RFSWITCH radio test card
4463-TCE20C915-EK
Si4463 TRX Testcard
915 MHz
Si4463 +20 dBm radio test card
4463-TCE30E915R-EK
Si4463 TRX Testcard
915 MHz
Si4463 RFMD +30 dBm radio test card
4460-TCE30E915S-EK
Si4463 TRX Testcard
915 MHz
Si4463 Skyworks +30 dBm radio test card


Podobny numer części - SI1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
SI1000-C SILABS-SI1000-C Datasheet
37Kb / 1P
   Typical sleep mode current 0.1 A retains state and RAM contents over full supply range fast wakeup of 2 s
SI1000-C-GM SILABS-SI1000-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Si1000-E-GM SILABS-Si1000-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
SI1000-E-GM2 SILABS-SI1000-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Podobny opis - SI1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Microchip Technology
MCP9700A-E MICROCHIP-MCP9700A-E Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com