Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD139-6 Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części BD139-6
Szczegółowy opis  NPN Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD139-6 Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BD139-6 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BD139-6 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD135 / BD137 / BD139
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
07-Mar-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High current
Complement to BD136, BD138 and BD140
CLASSIFICATION OF hFE (1)
Product-Rank
BD135-6
BD135-10
BD135-16
Product-Rank
BD137-6
BD137-10
BD137-16
Product-Rank
BD139-6
BD139-10
BD139-16
Range
40~100
63~160
100~250
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
BD135
VCBO
45
V
BD137
60
BD139
80
Collector to Emitter Voltage
BD135
VCEO
45
V
BD137
60
BD139
80
Emitter to Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
1.5
A
Collector Power Dissipation
PC
1.25
W
Thermal Resistance From Junction To Ambient
RθJA
100
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
TO-126
C
D
B
A
E
N
F
L
G
K
J
H
M
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
7.40
7.80
H
1.10
1.50
B
2.50
2.90
J
0.45
0.60
C
10.60
11.00
K
0.66
0.86
D
15.30
15.70
L
2.10
2.30
E
3.70
3.90
M
1.17
1.37
F
3.90
4.10
N
3.00
3.20
G
2.29 TYP.


Podobny numer części - BD139-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BD139-6 SIEMENS-BD139-6 Datasheet
185Kb / 5P
   NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
BD139-6 MCC-BD139-6 Datasheet
390Kb / 3P
   Power Transistors NPN Silicon 45,60,80 Volts
More results

Podobny opis - BD139-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
D882S SECOS-D882S Datasheet
214Kb / 2P
   NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
   NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
   NPN Plastic Encapsulated Transistor
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com