Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLL3303TRPBF Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRLL3303TRPBF
Szczegółowy opis  Surface Mount
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLL3303TRPBF Arkusz danych(HTML) 5 Page - International Rectifier

  IRLL3303TRPBF Datasheet HTML 1Page - International Rectifier IRLL3303TRPBF Datasheet HTML 2Page - International Rectifier IRLL3303TRPBF Datasheet HTML 3Page - International Rectifier IRLL3303TRPBF Datasheet HTML 4Page - International Rectifier IRLL3303TRPBF Datasheet HTML 5Page - International Rectifier IRLL3303TRPBF Datasheet HTML 6Page - International Rectifier IRLL3303TRPBF Datasheet HTML 7Page - International Rectifier IRLL3303TRPBF Datasheet HTML 8Page - International Rectifier IRLL3303TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRLL3303PbF
www.irf.com
5
+
-
VDS
10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
10V
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
Fig 9a. Basic Gate Charge Waveform
Fig 9b. Gate Charge Test Circuit
0.01
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0 . 1
1
1 0
1 0 0
1000
10000
t , R e cta n g ular P u lse Du ra tion (sec )
1
D = 0.50
0.01
0.02
0.0 5
0.10
0.20
S IN G L E P U L S E
( T H E R M A L R E SP O N SE )
A
P
t 2
1
t
DM
N o te s :
1 . D u ty fac t or D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
DM
th J A
A
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient


Podobny numer części - IRLL3303TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
IRLL3303TRPBF VBSEMI-IRLL3303TRPBF Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Podobny opis - IRLL3303TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Microsemi Corporation
MLL14KESD50-1 MICROSEMI-MLL14KESD50-1 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com