Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA449XXW Arkusz danych(PDF) 11 Page - Dynex Semiconductor

Numer części TA449XXW
Szczegółowy opis  Asymmetric Thyristor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYNEX [Dynex Semiconductor]
Strona internetowa  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TA449XXW Arkusz danych(HTML) 11 Page - Dynex Semiconductor

Back Button TA449XXW Datasheet HTML 4Page - Dynex Semiconductor TA449XXW Datasheet HTML 5Page - Dynex Semiconductor TA449XXW Datasheet HTML 6Page - Dynex Semiconductor TA449XXW Datasheet HTML 7Page - Dynex Semiconductor TA449XXW Datasheet HTML 8Page - Dynex Semiconductor TA449XXW Datasheet HTML 9Page - Dynex Semiconductor TA449XXW Datasheet HTML 10Page - Dynex Semiconductor TA449XXW Datasheet HTML 11Page - Dynex Semiconductor TA449XXW Datasheet HTML 12Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TA449..W
11/12
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
6.3
Cathode tab
Gate
Ø1.5
Ø19nom
2 holes 3.6 x 2.0 deep
(in both electrodes)
Cathode
Anode
Ø19nom
Ø 42 max
Ø 38 max
Nominal weight: 50g
Clamping force: 3.5kN
±10%
Lead length: 250mm
Package outine type code: MU86
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Gate triggering and the use of gate characteristics
AN4840
Recommendations for clamping power semiconductors
AN4839
The effect of temperature on thyristor performance
AN4870
Thyristor and diode measurement with a multi-meter
AN4853
Turn-on performance of thyristors in parallel
AN4999
Use of V
TO
, r
T
on-state characteristic
AN5001


Podobny numer części - TA449XXW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allen-Bradley
TA440 ALLEN-BRADLEY-TA440 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
   1.9 ~ 2.5 GHz Band Power Amplifier
logo
Allen-Bradley
TA441 ALLEN-BRADLEY-TA441 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Transko Electronics, In...
TA442AP TRANSKO-TA442AP Datasheet
312Kb / 4P
   Wireless, RF SAW Filter
Revision 0: September 2010
TA446AP TRANSKO-TA446AP Datasheet
320Kb / 3P
   Wireless, RF SAW Filter
Revision 0: March 2005
More results

Podobny opis - TA449XXW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dynex Semiconductor
TA329Q DYNEX-TA329Q Datasheet
102Kb / 10P
   Asymmetric Thyristor
ACR44U DYNEX-ACR44U Datasheet
67Kb / 7P
   Fast Turn-off Asymmetric Thyristor
logo
ABB
5SHY42L6500 ABB-5SHY42L6500 Datasheet
766Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY35L4512 ABB-5SHY35L4512 Datasheet
431Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY42L6530 ABB-5SHY42L6530 Datasheet
767Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY35L4511 ABB-5SHY35L4511 Datasheet
433Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
   Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
   Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
   Fast Turn-on Asymmetric Thyristor
logo
ABB
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
   Asymmetric Gate turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com