Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ4734A Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części SMAJ4734A
Szczegółowy opis  1 Watt Zener Diode 3.3 to 75 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ4734A Arkusz danych(HTML) 1 Page - Micro Commercial Components

  SMAJ4734A Datasheet HTML 1Page - Micro Commercial Components SMAJ4734A Datasheet HTML 2Page - Micro Commercial Components SMAJ4734A Datasheet HTML 3Page - Micro Commercial Components SMAJ4734A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAJ4728A
THRU
SMAJ4761A
1 Watt
Zener Diode
3.3 to 75 Volts
Features
0.070"
0.090”
0.058 ”
SUGGESTED SOLDER
PAD LAYOUT
MA X
MI N
MI N
DO-214AC
(SMA)( LEAD FRAME)





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Low Zener Impedance
Low Regulation Factor
VZ – tolerance:
f5%
For Surface Mount Applications
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Maximum Ratings@25℃Unless Otherwise Specified
Parameters
Test Conditions
Symbol
Value
Unit
Power Dissipation
Tamb≤50℃
Pd
1
W
Z-Current
Iz
Pd/Vz
mA
Operating
Junction Temperature
Tj
-65~+150
Storage Temperature
Tstg
-65~+150
K/W
Max. Forward Voltage Drop
IF=100mA
Vf
1.2
V
Thermal Resistence
FR-4 Board, MCC's
100
R
Θja
Suggested Solder Pad
R
ΘjL
75
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Podobny numer części - SMAJ4734A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMAJ4734A MCC-SMAJ4734A Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
List of Unclassifed Man...
SMAJ4734A ETC2-SMAJ4734A Datasheet
190Kb / 2P
   Transient Voltage Suppressor
More results

Podobny opis - SMAJ4734A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728_08 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 3.3 to 4.7 Volts
ERD75F MCC-ERD75F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com