Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1302-003LF Arkusz danych(PDF) 4 Page - Skyworks Solutions Inc.

Numer części SMP1302-003LF
Szczegółowy opis  SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1302-003LF Arkusz danych(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1302-003LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1302-003LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1302-003LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1302-003LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1302-003LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1302-003LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1302-003LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1302-003LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1302-003LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DATA SHEET • SMP1302 SERIES PIN DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
April 26, 2012 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200043R
Table 5. Resistance vs Temperature @ 100 MHz
IF
(mA)
RS @ –55 °C
(
Ω)
RS @ –15 °C
(
Ω)
RS @ +25 °C
(
Ω)
RS @ +65 °C
(
Ω)
RS @ +100 °C
(
Ω)
0.02
599
653
692
715
722
0.10
123
135
143
154
161
0.3
42.2
46.6
49.7
54.3
56.8
1.0
13.5
15.0
16.2
17.9
18.8
10
2.0
2.3
2.6
2.9
3.0
20
1.34
1.50
1.70
2.00
2.00
100
0.60
0.74
1.00
1.10
1.10
Typical Performance Characteristics
(TA = +25 °C, Unless Otherwise Noted)
Figure 2. Series Resistance vs Current @ 100 MHz
Figure 4. Capacitance vs Reverse Voltage
Figure 3. DC Characteristic
Figure 5. Conductance vs Frequency and Reverse Voltage


Podobny numer części - SMP1302-003LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1302-003LF SKYWORKS-SMP1302-003LF Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results

Podobny opis - SMP1302-003LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMPA1302-079LF SKYWORKS-SMPA1302-079LF Datasheet
561Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diode
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com