Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1302-040LF Arkusz danych(PDF) 1 Page - Skyworks Solutions Inc.

Numer części SMP1302-040LF
Szczegółowy opis  SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1302-040LF Arkusz danych(HTML) 1 Page - Skyworks Solutions Inc.

  SMP1302-040LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200043R • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 26, 2012
1
DATA SHEET
SMP1302 Series: Switch and Attenuator Plastic Packaged
PIN Diodes
Applications
• TV distribution and cellular base stations
• High volume switch and attenuators
Features
• Designed for base station and handset applications
• Low-distortion design
• Available in tape and reel packaging
• Packages rated MSL1 @ 260 °C per JEDEC J-STD-020
Description
The SMP1302 series of plastic packaged, surface mountable, low
capacitance (0.3 pF) silicon PIN diodes is designed for high-
volume switch and attenuator applications from 10 MHz to beyond
10 GHz.
These diodes are designed for use in low-distortion PI and TEE
attenuators with low drive current (maximum resistance at 1 mA
is 10
Ω) commonly used in TV distribution and cellular base
station applications. The nominal 50 μm I region width, combined
with a maximum resistance of 3
Ω at 10 mA, makes these diodes
useful in large signal switch applications.
The SMP1302 series provides single, dual, and quad diodes in a
selection of plastic packages including SOT-23, SOD-323, SC-79,
an ultralow inductance (0.2 nH) SOT-143 (SMP1302-017), SC-70,
SC-88, and a small footprint SOD-882.
A four-diode array is available in an SOT-5 package (SMP1302-
027) designed for insertion in the commonly used four-diode PI
attenuator circuits.
Table 1 describes the various packages and marking of the
SMP1302 series.


Podobny numer części - SMP1302-040LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1302-040LF SKYWORKS-SMP1302-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SMP1302-040LF SKYWORKS-SMP1302-040LF Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results

Podobny opis - SMP1302-040LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMPA1302-079LF SKYWORKS-SMPA1302-079LF Datasheet
561Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diode
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com