Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC1K0910F7 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części LC1K0910F7
Szczegółowy opis  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LC1K0910F7 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  LC1K0910F7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1K0910F7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1K0910F7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1K0910F7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1K0910F7 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC1K0910F7 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC1K0910F7 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1K0910F7 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1K0910F7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
www.schneider-electric.us
© 2009 Schneider Electric
All Rights Reserved
18-3
2, 3, and 4 Pole
Contactors
TeSys® F AC and DC Contactors
Refer to Catalog 8502CT9901
LC
_____
F
_____
_____
_____
_____
Full Voltage, Non-Reversing
1
Full Voltage, Reversing
2
TeSys F 2, 3, and 4 Pole Contactors 115A to 800A
Contactor AC-3 Full Load Amps (FLA)
115A FLA
115
150A FLA
150
185A FLA
185
225A FLA
225
265A FLA
265
330A FLA
330
400A FLA
400
500A FLA
500
630A FLA
630
780A FLA
780
800A FLA
800
Number of Poles
2 Poles (400A, 500A, and 630A only)
2
3 Poles (all sizes)
Blank
4 Poles (all sizes except 800A)
4
Termination Options - Purchase Lugs Separately
Blank
Coil Voltage (choose one and note contactor size it can be used on)
AC Coils
For use on:
DC Coils
For use on:
24V (50 Hz)
B5
LC1F115 - F225
24V
BD
LC1F115 - F400
24V (60 Hz)
B6
LC1F115 - F225
48V
ED
LC1F115 - F630
24V (40-400 Hz)
B7
LC1F225 - F400
110V
FD
LC1F115 - F780
42V (50 Hz)
D5
LC1F115 - F225
110V
FW
LC1F800
48V (50 Hz)
E5
LC1F115 - F225
125V
GD
LC1F115 - F780
48V (60 Hz)
E6
LC1F115 - F225
220V
MD
LC1F265 - F780
48V (40-400 Hz)
E7
LC1F115 - F630
220/240V
MW
LC1F800
110V (50 Hz)
F5
LC1F115 - F225
250V
UD
LC1F115 - F780
110V (60 Hz)
F6
LC1F115 - F225
380/400V
QW
LC1F800
110V (40-400 Hz)
B7
LC1F115 - F780
440V
RD
LC1F115 - F780
115V (50 Hz)
FE5
LC1F115 - F225
115V (40-400 Hz)
FE7
LC1F115 - F780
120V (60 Hz)
G6
LC1F115 - F225
120V (40-400 Hz)
G7
LC1F115 - F400
120V (40-400 Hz)
F7
LC1F500 - F780
127V (60 Hz)
G6
LC1F115 - F225
127V (40-400 Hz)
G7
LC1F115 - F780
200/208V (60 Hz)
L6
LC1F115 - F225
200/208V (40-400 Hz)
L7
LC1F265 - F780
208V (40-400 Hz)
L7
LC1F115 - F225
220V (50 Hz)
M5
LC1F115 - F225
220V (60 Hz)
M6
LC1F115 - F225
220V (40-400 Hz)
M7
LC1F115 - F780
230V (50 Hz)
P5
LC1F115 - F225
230V (40-400 Hz)
P7
LC1F115 - F800
240V (50 Hz)
U5
LC1F115 - F225
240V (60 Hz)
U6
LC1F115 - F225
240V (40-400 Hz)
U7
LC1F115 - F780
277V (50 Hz)
W5
LC1F115 - F225
277V (40-400 Hz)
W7
LC1F115 - F780
380V (50 Hz)
Q5
LC1F115 - F225
380V (60 Hz)
Q6
LC1F115 - F225
380V (40-400 Hz)
Q7
LC1F115 - F780
400V (50 Hz)
V5
LC1F115 - F225
400V (40-400 Hz)
V7
LC1F115 - F800
415V (50 Hz)
N5
LC1F115 - F225
415V (40-400 Hz)
N7
LC1F115 - F780
440V (50 Hz)
R5
LC1F115 - F225
440V (40-400 Hz)
R7
LC1F115 - F780
460/480V (60 Hz)
Q6
LC1F115 - F225
480V (40-400 Hz)
N7
LC1F780
500V (50 Hz)
S5
LC1F115 - F225
500V (40-400 Hz)
S7
LC1F115 - F780
600V (40-400 Hz)
X7
LC1F500 - F630
660V (60 Hz)
Y6
LC1F115 - F225


Podobny numer części - LC1K0910F7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
LC1K0910F7 SCHNEIDER-LC1K0910F7 Datasheet
109Kb / 3P
   TeSys K IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 1 NO auxilliary contact, 110 VAC 50/60 Hz coil
More results

Podobny opis - LC1K0910F7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com