Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1258EVM-PDK Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części ADS1258EVM-PDK
Szczegółowy opis  SBAU126C?밠ay 2007?밨evised May 2011
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1258EVM-PDK Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1258EVM-PDK Datasheet HTML 6Page - Texas Instruments ADS1258EVM-PDK Datasheet HTML 7Page - Texas Instruments ADS1258EVM-PDK Datasheet HTML 8Page - Texas Instruments ADS1258EVM-PDK Datasheet HTML 9Page - Texas Instruments ADS1258EVM-PDK Datasheet HTML 10Page - Texas Instruments ADS1258EVM-PDK Datasheet HTML 11Page - Texas Instruments ADS1258EVM-PDK Datasheet HTML 12Page - Texas Instruments ADS1258EVM-PDK Datasheet HTML 13Page - Texas Instruments ADS1258EVM-PDK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
EVM Operation
www.ti.com
7.4
Default Jumper Settings and Switch Positions
Figure 3 shows the jumpers found on the EVM and the factory default conditions for each one.
Figure 3. ADS1258EVM Default Jumper Locations
The jumpers on J4 provide a convenient way to measure the current for any of the power-supply currents:
AVDD (analog +V power), DVDD (digital power), AVSS (analog
–V power), or the ground connections
VGND and DGND. Simply remove the jumper for the appropriate power supply and use a current meter
between the jumper pins. The supply voltage for the digital supply (DVDD) can also be selected to be
either 1.8V or 3.3V; see Table 6.
Table 8 provides a list of switches found on the EVM and the factory default conditions for each one.
Table 8. List of Switches
SWITCH
DEFAULT POSITION
SWITCH DESCRIPTION
S1
Left
REF positive
S2
Left
REF negative
10
ADS1158EVM, ADS1258EVM, ADS1158EVM-PDK, and ADS1258EVM-PDK
SBAU126C
– May 2007 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated


Podobny numer części - ADS1258EVM-PDK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IPHPREP TI-ADS1258IPHPREP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1258EVM-PDK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC31X2EVM TI1-DAC31X2EVM Datasheet
395Kb / 9P
[Old version datasheet]   SBOU096A?밡ovember 2010?밨evised January 2011
logo
NXP Semiconductors
Z0109MN0 NXP-Z0109MN0 Datasheet
640Kb / 17P
   4Q Triac Rev. 3 ??12 May 2011
Rev. 3-12 May 2011
logo
List of Unclassifed Man...
PMODBB ETC1-PMODBB Datasheet
78Kb / 1P
   COPURIGHT 2007 DIGILENT INC.
logo
Tyco Electronics
1-1554653-1 MACOM-1-1554653-1 Datasheet
2Mb / 1P
   LGA 2011 SOCKET
logo
List of Unclassifed Man...
TP912 ETC1-TP912 Datasheet
12Mb / 72P
   Test Tools Catalog Volume one, 2007
logo
Texas Instruments
BQ40Z60 TI-BQ40Z60_15 Datasheet
1Mb / 49P
[Old version datasheet]   SLUSAW3C ?밆ECEMBER 2014?밨EVISED JULY 2015
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
[Old version datasheet]   SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
BQ24075-Q1 TI-BQ24075-Q1_15 Datasheet
2Mb / 38P
[Old version datasheet]   SLUSAU3B ?밊EBRUARY 2012?밨EVISED MARCH 2012
CC-DEBUGGER TI-CC-DEBUGGER Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
logo
jb Capacitors Company
JML JBCAPACITORS-JML Datasheet
535Kb / 3P
   Size may be selected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com