Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADZS-TS201S Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADZS-TS201S
Szczegółowy opis  ADSP-TS201S EZ-KIT Lite Evaluation Kit for the TigerSHARC Processor
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

   
 1 page
background image

ADSP-TS20S EZ-KIT Lite Evaluation
Kit for the TigerSHARC Processor
Overview
The ADSP-TS201S EZ-KIT Lite® provides developers with a cost-effective method for
initial evaluation of the ADSP-TS201S TigerSHARC® Processor and its multiprocess-
ing capabilities. The EZ-KIT Lite includes two ADSP-TS201S TigerSHARC Processors
on a desktop evaluation board along with fundamental debugging software to facilitate
architecture evaluations via a USB-based, PC-hosted tool set. With EZ-KIT Lite, users
can learn more about the Analog Devices ADSP-TS201S hardware and software
development environments and quickly prototype applications.
The EZ-KIT Lite provides an evaluation suite of the VisualDSP++® development and
debugging environment, including a C/C++ compiler, assembler, and linker.
Key Features
Dual ADSP-TS201S TigerSHARC
Processors
4 MB (512k  8-bit) flash memory
32 MB (4M  64-bit) SDRAM
AD1871, stereo audio, 24-bit, 96 kHz,
multibit, ∑–∆ ADC
AD1854, stereo audio, 24-bit, 96 kHz,
multibit, ∑–∆ DAC
Two 1/8 inch stereo audio jacks
Four external LVDS link port connectors
(one transmit and one receive
per processor)
USB serial interface and connector
JTAG ICE 14-pin header
Evaluation suite of VisualDSP++
development tools
Flash utility for downloading boot code to
on-board flash memory
Three 90-pin expansion interface connec-
tors for analyzing and interfacing with the
processors’ external cluster bus
Seven LEDs: one power, one board reset,
one USB activity, four flag-outs
Seven push-buttons: one reset, two
interrupt, four flag-ins
Desktop standalone operation
CE compliant
System Requirements
Intel® Pentium® 166 MHz or higher
32 MB RAM minimum
Microsoft® Windows® 98/2000/XP
One available USB connector
www.analog.com/processors/tools




Html Pages

1  2 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl