Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF07WBP-3P Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części LF07WBP-3P
Szczegółowy opis  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LF07WBP-3P Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LF07WBP-3P Datasheet HTML 3Page - List of Unclassifed Manufacturers LF07WBP-3P Datasheet HTML 4Page - List of Unclassifed Manufacturers LF07WBP-3P Datasheet HTML 5Page - List of Unclassifed Manufacturers LF07WBP-3P Datasheet HTML 6Page - List of Unclassifed Manufacturers LF07WBP-3P Datasheet HTML 7Page - List of Unclassifed Manufacturers LF07WBP-3P Datasheet HTML 8Page - List of Unclassifed Manufacturers LF07WBP-3P Datasheet HTML 9Page - List of Unclassifed Manufacturers LF07WBP-3P Datasheet HTML 10Page - List of Unclassifed Manufacturers LF07WBP-3P Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LF SeriesqMiniature Waterproof Shielded Connectors
sApplicable tools
sSolder termination fixture
Contact configuration
Shell size
LF07
LF10
LF13
Number of contacts
Withstanding voltage
Current rating
Insulation resistance
Contact resistance
Solder pot inner diameter
3
1250V AC
5A
1000Mø
15mø
1.15mm
6
300V AC
2A
0.8mm
Alignment guide
B
+0.05
0
sPanel Cutout
sContact position arrangement and specifications
1
3
2
1
2
3
4
5
6
Note 1: The contact configuration as viewed from the female contact connector mating side.
Note 2: The
w symbol indicates polarizing key position.
Note 3: Withstanding voltages are test voltage values.
Part number
Description
CL No.
LF series Applicable cable dia.
HR10A-TC-02
LF-TC-01
Manual cable clamp crimp
Note: Applicable cable dia. is only 5mm for LF series.
150-0041-2
150-0234-6
5 (Note)
7.3 · 8.7
CL No.
Part number
Applicable connectors
150-0232-0
150-0233-3
150-0235-9
150-0236-1
150-0237-4
150-0238-7
LF07BP-T01
LF07BJ-T01
LF10BP-T01
LF10BJ-T01
LF13BP-T01
LF13BJ-T01
LF07WBP-6S,6P,3S,3P
LF07WBJ-6S,6P,3S,3P
LF10WBP-4S,4P,12S,12P
LF10WBJ-4S,4P,12S,12P
LF13WBP-20S,20P,11S,11P
LF13WBJ-20S,20P,11S,11P
Shell size
A
B
Panel thickness
unit (mm)
LF07WBR-ππ
LF10WBR-ππ
LF13WBR-ππ
LF10WBRB-ππ
Ø9.05
Ø11.05
Ø14.05
Ø14.05
8.1
10.2
13.1
13.1
0.7 to 2
0.7 to 2
0.7 to 2
0.7 to 2
4
1250V AC
10A
1000Mø
5mø
1.7mm
1
2
3
4
1
2
3
4
5
6
7
8
9
10
11
12
A
B
2
5
6
1
3
7
4
D
C
3
2
1
8
7
6
9 10
4
5
17
16
20
13
12
11
14 15
18 19
12
300V AC
2A
1000Mø
15mø
0.8mm
11
20
AC300V
2A
1000Mø
4mø
0.8mm
Unit:mm
4
Ø1.7
4
5mø
7
Ø0.8
7
15mø
1000Mø
7
2A
7
AC300V
4
AC1250V
4
10A
(Shown one example)
(Shown one example)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Podobny numer części - LF07WBP-3P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
LF07WBP-3P HIROSE-LF07WBP-3P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

Podobny opis - LF07WBP-3P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com