Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9540S Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części IRF9540S
Szczegółowy opis  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF9540S Arkusz danych(HTML) 1 Page - Vishay Siliconix

  IRF9540S Datasheet HTML 1Page - Vishay Siliconix IRF9540S Datasheet HTML 2Page - Vishay Siliconix IRF9540S Datasheet HTML 3Page - Vishay Siliconix IRF9540S Datasheet HTML 4Page - Vishay Siliconix IRF9540S Datasheet HTML 5Page - Vishay Siliconix IRF9540S Datasheet HTML 6Page - Vishay Siliconix IRF9540S Datasheet HTML 7Page - Vishay Siliconix IRF9540S Datasheet HTML 8Page - Vishay Siliconix IRF9540S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91079
www.vishay.com
S11-1051-Rev. C, 30-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRF9540S, SiHF9540S
Vishay Siliconix
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• P-Channel
• 175 °C Operating Temperature
•Fast Switching
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK (TO-263) is a surface mount power package
capable of accommodating die sizes up to HEX-4. It
provides the highest power capability and the lowest
possible on-resistance in any existing surface mount
package. The D2PAK (TO-263) is suitable for high current
applications
because
of
its low
internal
connection
resistance and can dissipate up to 2.0 W in a typical surface
mount application.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = - 25 V, starting TJ = 25 °C, L = 2.7 mH, Rg = 25 , IAS = - 19 A (see fig. 12).
c. ISD  - 19 A, dI/dt  200 A/μs, VDD  VDS, TJ  175 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material)
PRODUCT SUMMARY
VDS (V)
- 100
RDS(on) ()VGS = - 10 V
0.20
Qg (Max.) (nC)
61
Qgs (nC)
14
Qgd (nC)
29
Configuration
Single
S
G
D
P-Channel MOSFET
D2PAK (TO-263)
G D
S
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
Lead (Pb)-free and Halogen-free
SiHF9540S-GE3
SiHF9540STRL-GE3a
Lead (Pb)-free
IRF9540SPbF
IRF9540STRLPbFa
SiHF9540S-E3
SiHF9540STL-E3a
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 19
A
TC = 100 °C
- 13
Pulsed Drain Currenta
IDM
- 72
Linear Derating Factor
1.0
W/°C
Linear Derating Factor (PCB Mount)e
0.025
Single Pulse Avalanche Energyb
EAS
640
mJ
Repetitive Avalanche Currenta
IAR
- 19
A
Repetitive Avalanche Energya
EAR
15
mJ
Maximum Power Dissipation
TC = 25 °C
PD
150
W
Maximum Power Dissipation (PCB Mount)e
3.7
Peak Diode Recovery dV/dtc
dV/dt
- 5.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Podobny numer części - IRF9540S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9540S IRF-IRF9540S Datasheet
198Kb / 6P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
Vishay Siliconix
IRF9540S VISHAY-IRF9540S Datasheet
203Kb / 10P
   Power MOSFET
09-Jul-2021
IRF9540S VISHAY-IRF9540S Datasheet
206Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF9540SPBF IRF-IRF9540SPBF Datasheet
326Kb / 9P
   HEXFET Power MOSFET
More results

Podobny opis - IRF9540S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com