Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1539IRZ-T13 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL1539IRZ-T13
Szczegółowy opis  Dual Channel Differential VDSL2 Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539IRZ-T13 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL1539IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1539IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1539IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1539IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1539IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1539IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1539IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1539IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1539IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISL1539
3
FN7516.4
June 21, 2013
OUTPUT CHARACTERISTICS
VOUT
Loaded Output Swing
(RL Single-ended to GND)
RL = 100Ω
±11.1
V
RL = 50Ω(+)
10.65
10.95
V
RL = 50Ω (-)
-10.95
-10.55
V
RL = 25Ω (+)
9.8
10.7
V
RL = 25Ω (-)
-10.7
-9.2
V
IOL
Linear Output Current
AV = 5, RL = 10Ω f = 100kHz, THD = -60dBc (10Ω
single-ended)
450
mA
IOUT
Output Current
VOUT = 1V, RL = 1Ω
1A
DYNAMIC PERFORMANCE
BW
-3dB Bandwidth
AV = +10
80
MHz
HD2 at 200kHz
2nd Harmonic Distortion at 200kHz
fC = 200kHz, RL = 100Ω, VOUT = 2VP-P
-90
dBc
HD3 at 200kHz
3rd Harmonic Distortion at 200kHz
fC = 200kHz, RL = 100Ω, VOUT = 2VP-P
-94
dBc
THD at 200kHz
Total Harmonic Distortion at 200kHz
fC = 200kHz, RL = 100Ω, VOUT = 2VP-P
-89
dBc
HD2 at 1MHz
2nd Harmonic Distortion at 1MHz
fC = 1MHz, RL = 100Ω, VOUT = 2VP-P
-86
dBc
fC = 1MHz, RL = 25Ω, VOUT = 2VP-P
-80
dBc
HD3 at 1MHz
3rd Harmonic Distortion at 1MHz
fC = 1MHz, RL = 100Ω, VOUT = 2VP-P
-90
dBc
fC = 1MHz, RL = 25Ω, VOUT = 2VP-P
-75
dBc
THD at 1MHz
Total Harmonic Distortion at 1MHz
fC = 1MHz, RL = 100Ω VOUT = 2VP-P
-85
dBc
MTPR
Multi-Tone Power Ratio
26kHz to 1.1MHz, RLINE = 100Ω,
PLINE = 20.4dBM
-70
dBc
SR
Slewrate (single-ended)
VOUT from -8V to +8V measured at ±4V
500
V/µs
NOTE:
4. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VS = ±12V, RF = 3kΩ, RL= 65Ω, IADJ = C0 = C1 = 0V, TA = +25°C. Amplifiers tested separately. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT


Podobny numer części - ISL1539IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1539IRZ-T13 RENESAS-ISL1539IRZ-T13 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
More results

Podobny opis - ISL1539IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1539 INTERSIL-ISL1539_07 Datasheet
35Kb / 2P
   Dual Channel Differential VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com