Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G1000800300G Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części G1000800300G
Szczegółowy opis  INDUSTRY STANDARDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

G1000800300G Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button G1000800300G Datasheet HTML 6Page - List of Unclassifed Manufacturers G1000800300G Datasheet HTML 7Page - List of Unclassifed Manufacturers G1000800300G Datasheet HTML 8Page - List of Unclassifed Manufacturers G1000800300G Datasheet HTML 9Page - List of Unclassifed Manufacturers G1000800300G Datasheet HTML 10Page - List of Unclassifed Manufacturers G1000800300G Datasheet HTML 11Page - List of Unclassifed Manufacturers G1000800300G Datasheet HTML 12Page - List of Unclassifed Manufacturers G1000800300G Datasheet HTML 13Page - List of Unclassifed Manufacturers G1000800300G Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
Mild stEEl
10
Horizontal sEparator
Horizontal Separator mounts onto side-mount accessory rails to
divide the FUSION G7™ into separate compartments. Galvanized
1.5-mm thick (16 gauge) steel. Mounting hardware provided.
Bulletin: A4GY
Catalog Number Fits B x C (mm) Fits B x C (in.) W x D (mm) W x D (in.)
S (mm) S (in.)
GHS300225
300 x 225
11.81 x 8.86
255 x 148
10.04 x 5.83
100
3.94
GHS400200
400 x 200
15.75 x 7.87
355 x 123
13.98 x 4.84
75
2.95
GHS400225
400 x 225
15.75 x 8.86
355 x 148
13.98 x 5.83
100
3.94
GHS500200
500 x 200
19.68 x 7.87
455 x 123
17.91 x 4.84
75
2.95
GHS500225
500 x 225
19.68 x 8.86
455 x 148
17.91 x 5.83
100
3.94
GHS500250
500 x 250
19.68 x 9.84
455 x 173
17.91 x 6.81
125
4.92
GHS500300
500 x 300
19.68 x 11.81
455 x 223
17.91 x 8.87
175
6.89
GHS600225
600 x 225
23.62 x 8.86
555 x 148
21.85 x 5.83
100
3.94
GHS600250
600 x 250
23.62 x 9.84
555 x 173
21.85 x 6.81
125
4.92
GHS600325
600 x 325
23.62 x 12.80
555 x 248
21.85 x 9.76
200
7.78
GHS600400
600 x 400
23.62 x 15.75
555 x 323
21.85 x 12.72 275
10.83
GHS800300
800 x 300
32.50 x 11.81
755 x 223
29.72 x 8.78
175
6.89
GHS800400
800 x 400
32.50 x 15.75
755 x 323
29.72 x 12.72 275
10.83
GHS900325
900 x 325
35.43 x 12.50
855 x 248
33.66 x 9.76
200
7.87
GHS900425
900 x 425
35.43 x 16.73
855 x 348
33.66 x 13.70 300
11.81
padlock insErts
Padlock Inserts fit into standard quarter-turn latches. They are
made of black composite material (PBT) with zinc insert and replace
the standard 3-mm double-bit insert when padlocking security is
required. Available with 3-mm double bit or slotted screwdriver tool
to open. Accommodate up to 5/16-in. diameter padlock shank.
Bulletin: A4GY
29 mm
1.15
36 mm
1.40
89000896
Catalog Number
Description
GPDLOCK3MM
3-mm double-bit padlock insert
GPDLOCKSLOT
Slotted screwdriver padlock insert


Podobny numer części - G1000800300G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
G100001 E-SWITCH-G100001 Datasheet
38Kb / 1P
   All Dimension In MM
logo
List of Unclassifed Man...
G10000GW1 ETC-G10000GW1 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW2 ETC-G10000GW2 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW3 ETC-G10000GW3 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW4 ETC-G10000GW4 Datasheet
122Kb / 2P
   10 segment light bar
More results

Podobny opis - G1000800300G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
Omron Electronics LLC
XG4A-5031 OMRON-XG4A-5031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
   Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com