Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12020MIRZ Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL12020MIRZ
Szczegółowy opis  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020MIRZ Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL12020MIRZ Datasheet HTML 7Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 8Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 9Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 10Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 11Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 12Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 13Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 14Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ISL12020M
11
FN6667.5
December 13, 2011
General Description
The ISL12020M device is a low power real time clock (RTC) with
embedded temperature sensor and crystal. It contains crystal
frequency compensation circuitry over the operating temperature
range good to ±5ppm accuracy. It also contains a clock/calendar
with Daylight Savings Time (DST) adjustment, power fail and low
battery monitors, brownout indicator, 1 periodic or polled alarm,
intelligent battery-backup switching and 128 Bytes of battery-
backed user SRAM.
The oscillator uses an internal 32.768kHz crystal. The real time
clock tracks time with separate registers for hours, minutes and
seconds. The device has calendar registers for date, month, year
and day of the week. The calendar is accurate through 2099,
with automatic leap year correction. In addition, both the
ISL12020M could be programmed for automatic Daylight
Savings Time (DST) adjustment by entering local DST
information.
The ISL12020M’s alarm can be set to any clock/calendar value
for a match. For example, every minute, every Tuesday or at 5:23
AM on March 21. The alarm status is available by checking the
Status Register, or the device can be configured to provide a
hardware interrupt via the IRQ/FOUT pin. There is a repeat mode
for the alarm allowing a periodic interrupt every minute, every
hour, every day, etc.
The device also offers a backup power input pin. This VBAT pin
allows the device to be backed up by battery or Super Capacitor
with automatic switchover from VDD to VBAT. The ISL12020M
device is specified for VDD = 2.7V to 5.5V and the clock/calendar
portion of the device remains fully operational in battery-backup
mode down to 1.8V (Standby Mode). The VBAT level is monitored
and reported against preselected levels. The first report is
registered when the VBAT level falls below 85% of nominal level,
the second level is set for 75%. Battery levels are stored in
PWR_VBAT registers.
The ISL12020M offers a “Brownout” alarm once the VDD falls
below a pre-selected trip level. This allows system Micro to save
vital information to memory before complete power loss. There
are six VDD levels that could be selected for initiation of the
Brownout alarm.
Functional Description
Power Control Operation
The power control circuit accepts a VDD and a VBAT input. Many
types of batteries can be used with Intersil RTC products. For
example, 3.0V or 3.6V Lithium batteries are appropriate, and
battery sizes are available that can power the ISL12020M for up
to 10 years. Another option is to use a Super Capacitor for
applications where VDD is interrupted for up to a month. See the
“Application Section” on page 28 for more information.
Normal Mode (VDD) to Battery-Backup Mode
(VBAT)
To transition from the VDD to VBAT mode, both of the following
conditions must be met:
Condition 1:
VDD < VBAT - VBATHYS
where VBATHYS  50mV
Condition 2:
VDD < VTRIP
where VTRIP  2.2V
Battery-Backup Mode (VBAT) to Normal Mode
(VDD)
The ISL12020M device will switch from the VBAT to VDD mode
when one of the following conditions occurs:
Condition 1:
VDD > VBAT + VBATHYS
where VBATHYS 50mV
Condition 2:
VDD > VTRIP + VTRIPHYS
where VTRIPHYS  30mV
These power control situations are illustrated in Figures 13 and
14.
FIGURE 11. IDD with TSE = 1 vs TEMPERATURE
FIGURE 12. OSCILLATOR CHANGE vs TEMPERATURE AT
DIFFERENT AGING SETTINGS (IATR) (BETA SET FOR
1ppm STEPS)
Typical Performance Curves Temperature is +25°C unless otherwise specified. (Continued)
40
50
60
70
80
90
100
110
-40
-20
0
2040
6080
TEMPERATURE (°C)
VBAT = 2.7V
VDD = 3.3V
VDD = 5.5V
-80
-60
-40
-20
0
20
40
60
80
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
62.5ppm
32ppm
0ppm
-31ppm
-61.5ppm


Podobny numer części - ISL12020MIRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12020MIRZ INTERSIL-ISL12020MIRZ Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12020MIRZ RENESAS-ISL12020MIRZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-EVALZ RENESAS-ISL12020MIRZ-EVALZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12020MIRZ-T INTERSIL-ISL12020MIRZ-T Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Podobny opis - ISL12020MIRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com