Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29044IROMZ-EVALZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL29044IROMZ-EVALZ
Szczegółowy opis  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29044IROMZ-EVALZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL29044IROMZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ISL29044
4
FN8305.0
October 30, 2012
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
ISDA
SDA Current Sinking Capability
VOL = 0.4V
3
5
mA
IINT
INT Current Sinking Capability
VOL = 0.4V
3
5
mA
PSRRIRDR
(
ΔIIRDR)/(ΔVIRDR)
PROX_DR = 0; VIRDR = 0.5V to 4.3V
5.8
mA/V
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. An LED is used in production test. The LED irradiance is calibrated to produce the same DATA count against a fluorescent light source of the same lux
level.
8. Ability to guarantee IIRDR leakage of ~1nA is limited by test hardware.
9. For ALS applications under light-distorting glass, please see the section titled “ALS Range 1 Considerations” on page 9.
Electrical Specifications VDD = 3.0V, TA = +25°C. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6) TYP
MAX
(Note 6) UNIT
IR-LED Specifications TA = +25°C
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
VF
IR-LED Forward Voltage Drop
IF = 200mA
2.0
V
IF = 100mA
1.8
V
IR
IR-LED Reverse-Bias Current
VR = 5.5V
0.061
5
µA
λP
IR-LED Peak Output Wavelength
IF = 110mA
858
nm
Δλ
IR-LED Spectral Half-Width
IF = 110mA
39
nm
ΦE
IR-LED Radiant Power
IF = 110mA
30
mW
I
IR-LED Radiant Intensity (in 0.01sr) at 0°
IF = 110mA
128
mW/sr
I2C Electrical Specifications For SCL and SDA unless otherwise noted, VDD = 3V, TA = +25°C (Note 10).
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
fSCL
SCL Clock Frequency
400
kHz
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
Vhys
Hysteresis of Schmitt Trigger Input
0.05VDD
V
VOL
Low-level Output Voltage (Open-drain) at 4mA Sink
Current
0.4
V
Ii
Input Leakage for each SDA, SCL Pin
-10
10
µA
tSP
Pulse Width of Spikes that must be Suppressed by
the Input Filter
50
ns
tAA
SCL Falling Edge to SDA Output Data Valid
900
ns
Ci
Capacitance for each SDA and SCL Pin
1pF
tHD:STA
Hold Time (Repeated) START Condition
After this period, the first clock pulse is
generated.
600
ns
tLOW
LOW Period of the SCL Clock
Measured at the 30% of VDD crossing.
1300
ns
tHIGH
HIGH period of the SCL Clock
600
ns


Podobny numer części - ISL29044IROMZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29044IROMZ-EVALZ RENESAS-ISL29044IROMZ-EVALZ Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

Podobny opis - ISL29044IROMZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com