Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE33200N Arkusz danych(PDF) 2 Page - California Eastern Labs

Numer części NE33200N
Szczegółowy opis  SUPER LOW NOISE HJ FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CEL [California Eastern Labs]
Strona internetowa  http://www.cel.com
Logo CEL - California Eastern Labs

NE33200N Arkusz danych(HTML) 2 Page - California Eastern Labs

  NE33200N Datasheet HTML 1Page - California Eastern Labs NE33200N Datasheet HTML 2Page - California Eastern Labs NE33200N Datasheet HTML 3Page - California Eastern Labs NE33200N Datasheet HTML 4Page - California Eastern Labs NE33200N Datasheet HTML 5Page - California Eastern Labs NE33200N Datasheet HTML 6Page - California Eastern Labs NE33200N Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGRF
Gate Current
µA
280
PIN
RF Input (CW)
dBm
15
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65 to +175
PT2
Total Power Dissipation
mW
240
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
1
0.29
21.3
0.82
8
0.39
2
0.31
18.3
0.81
17
0.36
4
0.35
15.3
0.76
41
0.33
6
0.42
13.5
0.71
63
0.30
8
0.52
12.2
0.64
77
0.27
10
0.63
11.3
0.55
95
0.24
12
0.75
10.5
0.48
112
0.22
14
0.9
9.9
0.41
130
0.19
16
1.05
9.3
0.37
144
0.18
18
1.25
8.8
0.35
164
0.15
20
1.5
8.3
0.37
180
0.13
22
1.8
7.9
0.38
-166
0.11
24
2.2
7.6
0.39
-154
0.10
26
2.6
7.3
0.40
-142
0.08
TYPICAL NOISE PARAMETERS1 (TA = 25°C)
VDS = 2 V, IDS = 10 mA
Note:
1.Operation in excess of any one of these parameters may result in
permanent damage.
2.With chip mounted on infinite heat sink.
Drain Current, IDS (mA)
NOISE FIGURE and GAIN
vs. DRAIN CURRENT
VDS = 2 V, f = 12 GHz
Note:
1.Noise Parameters include Bond Wires:
Gate:
Total 2 wires, 1 per bond pad 0.0129" (327
µm)
long each wire.
Drain:
Total 2 wires, 1 per bond pad 0.0118" (300
µm)
long each wire.
Source: Total 4 wires, 2 per side, 0.0071" (180
µm)
long each wire.
Wire:
0.0007" (17.8
µm) dia. gold.
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
TRANSCONDUCTANCE vs. DRAIN CURRENT
VDS = 2.0 V
Drain to Source Voltage, VDS (V)
Drain Current, IDS (mA)
NE33200
0
0
50
100
150
200
250
50
100 117
150
200
250
Mounted on
Infinite
Heat sink
GA
NF
2.0
1.6
1.2
0.8
0.4
0
0
5
10
15
20
25
30
35
40
6
8
10
12
14
16
Tuned at each IDS
Tuned at 10 mA only
50
40
30
20
10
0
0
0.5
-0.1 V
-0.2 V
-0.3 V
-0.4 V
-0.5 V
1
1.5
2
2.5
3
VGS = 0 V
120
100
80
60
40
20
0
0
10
20
304050


Podobny numer części - NE33200N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
More results

Podobny opis - NE33200N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com