Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4207-CNZ Arkusz danych(PDF) 9 Page - Cirrus Logic

Numer części CS4207-CNZ
Szczegółowy opis  Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207-CNZ Arkusz danych(HTML) 9 Page - Cirrus Logic

Back Button CS4207-CNZ Datasheet HTML 5Page - Cirrus Logic CS4207-CNZ Datasheet HTML 6Page - Cirrus Logic CS4207-CNZ Datasheet HTML 7Page - Cirrus Logic CS4207-CNZ Datasheet HTML 8Page - Cirrus Logic CS4207-CNZ Datasheet HTML 9Page - Cirrus Logic CS4207-CNZ Datasheet HTML 10Page - Cirrus Logic CS4207-CNZ Datasheet HTML 11Page - Cirrus Logic CS4207-CNZ Datasheet HTML 12Page - Cirrus Logic CS4207-CNZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 148 page
background image
DS880F4
9
CS4207
RESET#
11
Reset (Input) - The device enters a low power mode when this pin is driven low.
GPIO1/
DMIC_SDA2/
SPDIF_OUT2
12
General Purpose I/O (Input/Output) - General purpose input or output line, or
Digital Mic Data Input (Input) - The second data input line from a digital microphone, or
S/PDIF Output (Output) - Output from internal S/PDIF Transmitter.
SENSE_A
13
Jack Sense Pin (Input/Output) - Jack sense detect.
GPIO2
14
General Purpose I/O (Input/Output) - General purpose input or output lines.
GPIO3
15
General Purpose I/O (Input/Output) - General purpose input or output lines.
MICBIAS
16
Microphone Bias (Output) - Provides a low noise bias supply for an external microphone. Elec-
trical characteristics are specified in the DC Electrical Characteristics table.
MICIN_L-
MICIN_L+
MICIN_R+
MICIN_R-
17
18
19
20
Microphone Input Left/Right (Input) - The full-scale level is specified in the ADC Analog Char-
acteristics specification table.
LINEIN_L+
LINEIN_C-
LINEIN_R+
21
22
23
Analog Input (Input) - The full-scale level is specified in the ADC Analog Characteristics specifi-
cation table.
VA_REF
VA
24
25
Analog Power (Input) - Positive power for the internal analog section. VA_REF is the return pin
for the VBIAS cap.
AGND
26
Analog Ground (Input) - Ground reference for the internal analog section.
VREF+
27
Positive Voltage Reference (Output) - Positive reference voltage for the internal ADCs.
VCOM
28
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
VBIAS
29
Positive Voltage Reference (Output) - Positive reference voltage for the internal DACs.
LINEOUT_L2-
LINEOUT_L2+
LINEOUT_R2+
LINEOUT_R2-
LINEOUT_L1-
LINEOUT_L1+
LINEOUT_R1+
LINEOUT_R1-
30
31
32
33
34
35
36
37
Analog Audio Output (Output) - The full-scale output level is specified in the DAC Analog Char-
acteristics specification table
HPOUT_L
HPOUT_R
38
40
Analog Headphone Output (Output) - The full-scale output level is specified in the DAC Analog
Characteristics specification table.
HPREF
39
Pseudo Diff. Headphone Reference (Input) - Ground reference for the headphone amplifiers.
VHP_FILT-
41
Inverting Charge Pump Filter Connection (Output) - Power supply from the inverting charge
pump that provides the negative rail for the headphone amplifier.
FLYN
42
Charge Pump Cap Negative Node (Output) - Negative node for the inverting charge pump’s fly-
ing capacitor.
FLYC
43
Charge Pump Cap Common Node (Output) - Common positive node for the step-down and
inverting charge pumps’ flying capacitor.
VHP_FILT+
44
Non-Inverting Charge Pump Filter Connection (Output) - Power supply from the step-down
charge pump that provides the positive rail for the headphone amplifier.
FLYP
45
Charge Pump Cap Positive Node (Output) - Positive node for the step-down charge pump’s fly-
ing capacitor.
VA_HP
46
Analog Power For Headphone (Input) - Positive power for the internal analog headphone sec-
tion.
SPDIF_IN
47
S/PDIF Input (Input) - Input to internal S/PDIF Receiver.
SPDIF_OUT1
48
S/PDIF Output (Output) - Output from internal S/PDIF Transmitter.
HPGND
TP
HP Ground (Input) - Ground reference for the internal headphone section. See “QFN Thermal
Pad” on page 144 for more information.
Pin Name QFN
Pin Description


Podobny numer części - CS4207-CNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4207-CNZ/C1 CIRRUS-CS4207-CNZ/C1 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZR/C1 CIRRUS-CS4207-CNZR/C1 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
More results

Podobny opis - CS4207-CNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com