Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE3505M04 Arkusz danych(PDF) 2 Page - California Eastern Labs

Numer części NE3505M04
Szczegółowy opis  HETERO JUNCTION FIELD EFFECT TRANSISITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CEL [California Eastern Labs]
Strona internetowa  http://www.cel.com
Logo CEL - California Eastern Labs

NE3505M04 Arkusz danych(HTML) 2 Page - California Eastern Labs

  NE3505M04 Datasheet HTML 1Page - California Eastern Labs NE3505M04 Datasheet HTML 2Page - California Eastern Labs NE3505M04 Datasheet HTML 3Page - California Eastern Labs NE3505M04 Datasheet HTML 4Page - California Eastern Labs NE3505M04 Datasheet HTML 5Page - California Eastern Labs NE3505M04 Datasheet HTML 6Page - California Eastern Labs NE3505M04 Datasheet HTML 7Page - California Eastern Labs NE3505M04 Datasheet HTML 8Page - California Eastern Labs NE3505M04 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NE3505M04
RECOMMENDED OPERATING CONDITIONS(TA = +25
°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Drain to Source Voltage
VDS
---
2
2.5
V
Drain Current
ID
---
15
25
mA
Input Power
Pin
---
---
0
dBm
ELECTRICAL CHARACTERISTICS
(TA = +25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gate to Source Leak Current
IGSO
VGS=-3V
---
0.5
10
uA
Saturated Drain Current
IDSS
VDS=2V, VGS=0V
50
---
120
mA
Gate to Source Cutoff Voltage
VGS(off)
VDS=2V, ID=100
µA
-0.35
---
-1.5
V
Trans conductance
gm
VDS=2V, ID=15mA
70
---
---
mS
Noise Figure
NF
---
0.4
0.6
dB
Associated Gain
Ga
VDS=2V, ID=15mA
f
=4GHz
14
15.5
---
dB
The information in this document is subject to change without notice.
DATA SHEET


Podobny numer części - NE3505M04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE350184C CEL-NE350184C Datasheet
269Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE350184C RENESAS-NE350184C Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
logo
California Eastern Labs
NE350184C-T1 CEL-NE350184C-T1 Datasheet
269Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE350184C-T1 RENESAS-NE350184C-T1 Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
NE350184C-T1-A RENESAS-NE350184C-T1-A Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results

Podobny opis - NE3505M04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE3508M04 CEL-NE3508M04 Datasheet
1Mb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISITOR
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com