Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KFF6516A Arkusz danych(PDF) 2 Page - CTS Corporation

Numer części KFF6516A
Szczegółowy opis  Excellent Return Loss
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTS [CTS Corporation]
Strona internetowa  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6516A Arkusz danych(HTML) 2 Page - CTS Corporation

  KFF6516A Datasheet HTML 1Page - CTS Corporation KFF6516A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KFF6516A
1090 Mhz TCAS BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
(280 per box)
10 28 Slot Foam Trays
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
33.580
max
B
10.363
max
C
7.850
max
D
10.808
0.127
E
10.808
0.127
F
2.616
0.127
G
0.762
0.127
I
2.286
0.127
J
0.762
0.127
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -


Podobny numer części - KFF6516A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
KFF6516A CTS-KFF6516A_16 Datasheet
77Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results

Podobny opis - KFF6516A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MAFL-011054 MA-COM-MAFL-011054 Datasheet
615Kb / 4P
   Excellent Return loss
logo
CTS Corporation
KFF6106A CTS-KFF6106A Datasheet
127Kb / 2P
   Excellent Return Loss
logo
Laird Tech Smart Techno...
WPC39S0B-001 LSTD-WPC39S0B-001 Datasheet
855Kb / 2P
   Excellent return loss
logo
M/A-COM Technology Solu...
MAFL-011060 MA-COM-MAFL-011060 Datasheet
281Kb / 6P
   Excellent Return loss
logo
E&E Magnetic Products L...
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
logo
M/A-COM Technology Solu...
MAAL-010706 MA-COM-MAAL-010706 Datasheet
559Kb / 9P
   Low Noise Figure Excellent Input Return Loss
logo
Pasternack Enterprises,...
PE3CA1031-60CM PASTERNACK-PE3CA1031-60CM Datasheet
482Kb / 6P
   Excellent Return loss Greater than 28 dB
logo
M/A-COM Technology Solu...
MAAL-010705 MA-COM-MAAL-010705 Datasheet
634Kb / 9P
   Excellent Input Return Loss Integrated Active Bias Circuit
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
   Superior return loss performance
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com