Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD1621 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KSD1621
Szczegółowy opis  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1621 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KSD1621 Datasheet HTML 1Page - Fairchild Semiconductor KSD1621 Datasheet HTML 2Page - Fairchild Semiconductor KSD1621 Datasheet HTML 3Page - Fairchild Semiconductor KSD1621 Datasheet HTML 4Page - Fairchild Semiconductor KSD1621 Datasheet HTML 5Page - Fairchild Semiconductor KSD1621 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSD1621 Rev. B3
1
August 2009
KSD1621
NPN Epitaxial Silicon Transistor
Features
• High Current Driver Applications
• Low Collector-Emitter Saturation Voltage
• Large Current Capacity and Wide SOA
• Fast Switching Speed
• Complement to KSB1121
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Mounted on Ceramic Board (250mm2 x 0.8mm)
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
2
A
PC
Collector Power Dissipation (TA = 25°C)
Derating Rate above 25°C
500
4
mW
mW/
°C
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to +150
°C
SOT-89
1
1. Base 2. Collector 3. Emitter
16
2 1
PY
W W
hFE grade
Year code
Weekly code
Marking


Podobny numer części - KSD1621

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSD1621 FAIRCHILD-KSD1621 Datasheet
71Kb / 5P
   High Current Driver Applications
KSD1621 FAIRCHILD-KSD1621 Datasheet
439Kb / 6P
   NPN Epitaxial Silicon Transistor
KSD1621 FAIRCHILD-KSD1621_05 Datasheet
439Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Podobny opis - KSD1621

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com